Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMB9 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PEMB9
Description  PNP/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PEMB9 Datasheet(HTML) 5 Page - NXP Semiconductors

  PEMB9 Datasheet HTML 1Page - NXP Semiconductors PEMB9 Datasheet HTML 2Page - NXP Semiconductors PEMB9 Datasheet HTML 3Page - NXP Semiconductors PEMB9 Datasheet HTML 4Page - NXP Semiconductors PEMB9 Datasheet HTML 5Page - NXP Semiconductors PEMB9 Datasheet HTML 6Page - NXP Semiconductors PEMB9 Datasheet HTML 7Page - NXP Semiconductors PEMB9 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2003 Oct 03
5
NXP Semiconductors
Product data sheet
PNP/PNP resistor-equipped transistors;
R1 = 10 k
Ω, R2 = 47 kΩ
PEMB9; PUMB9
PACKAGE OUTLINES
UNIT
bp
cD
E
e1
HE
Lp
w
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
01-01-04
01-08-27
IEC
JEDEC
EIAJ
mm
0.27
0.17
0.18
0.08
1.7
1.5
1.3
1.1
0.5
e
1.0
1.7
1.5
0.1
y
0.1
DIMENSIONS (mm are the original dimensions)
0.3
0.1
SOT666
bp
pin 1 index
D
e1
e
A
Lp
detail X
HE
E
A
S
0
1
2 mm
scale
A
0.6
0.5
c
X
12
3
4
5
6
Plastic surface mounted package; 6 leads
SOT666
YS
w M A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com