Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZVP2120G Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZVP2120G
Description  P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZVP2120G Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZVP2120G Datasheet HTML 1Page - Zetex Semiconductors ZVP2120G Datasheet HTML 2Page - Zetex Semiconductors ZVP2120G Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT223 P-CHANNEL ENHANCEMENT
MODE VERTICAL DMOS FET
ISSUE 3 - OCTOBER 1995
7
FEATURES
* 200 Volt VDS
*RDS(on)=25Ω
PARTMARKING DETAIL –
ZVP2120
COMPLEMENTARY TYPE –
ZVN2120G
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Drain-Source Voltage
VDS
-200
V
Continuous Drain Current at Tamb=25°C
ID
-200
mA
Pulsed Drain Current
IDM
-1.2
A
Gate Source Voltage
VGS
±
20
V
Power Dissipation at Tamb=25°C
Ptot
2W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN. MAX. UNIT CONDITIONS.
Drain-Source
Breakdown Voltage
BVDSS
-200
V
ID=-1mA, VGS=0V
Gate-Source Threshold
Voltage
VGS(th)
-1.5
-3.5
V
ID=-1mA, VDS= VGS
Gate-Body Leakage
IGSS
-20
nA
VGS=± 20V, VDS=0V
Zero Gate Voltage Drain
Current
IDSS
-10
-100
µ
A
µ
A
VDS=-200 V, VGS=0
VDS=-160 V, VGS=0V, T=125°C
(2)
On-State Drain Current(1)
ID(on)
-300
mA
VDS=-25 V, VGS=-10V
Static Drain-Source On-State
Resistance (1)
RDS(on)
25
Ω
VGS=-10V, ID=-150mA
Forward Transconductance
(1)(2)
gfs
50
mS
VDS=-25V, ID=-150mA
Input Capacitance (2)
Ciss
100
pF
Common Source Output
Capacitance (2)
Coss
25
pF
VDS=-25V, VGS=0V, f=1MHz
Reverse Transfer Capacitance (2) Crss
7pF
Turn-On Delay Time (2)(3)
td(on)
7ns
VDD≈-25V, ID=-150mA
Rise Time (2)(3)
tr
15
ns
Turn-Off Delay Time (2)(3)
td(off)
12
ns
Fall Time (2)(3)
tf
15
ns
(1) Measured under pulsed conditions. Width=300µs. Duty cycle ≤2% (2) Sample test.
(3) Switching times measured with 50Ω source impedance and <5ns rise time on a pulse generator
ZVP2120G
D
D
S
G
3 - 431


Similar Part No. - ZVP2120G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVP2120G DIODES-ZVP2120G Datasheet
85Kb / 3P
SOT223 P-CHANNEL ENHANCEMENT
OCTOBER 1995
logo
Fairchild Semiconductor
ZVP2120G FAIRCHILD-ZVP2120G Datasheet
85Kb / 3P
SOT223 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2120GTA FAIRCHILD-ZVP2120GTA Datasheet
85Kb / 3P
SOT223 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVP2120G DIODES-ZVP2120G_15 Datasheet
379Kb / 6P
SOT223 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOSFET
Rev 4
More results

Similar Description - ZVP2120G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BS250F ZETEX-BS250F Datasheet
80Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2106A ZETEX-ZVP2106A Datasheet
51Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2110A ZETEX-ZVP2110A Datasheet
65Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP3306F ZETEX-ZVP3306F Datasheet
109Kb / 2P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP4105A ZETEX-ZVP4105A Datasheet
49Kb / 1P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVP4105A DIODES-ZVP4105A Datasheet
60Kb / 1P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
MARCH 1994
ZVP3310A DIODES-ZVP3310A_15 Datasheet
94Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
MARCH 1994
logo
Supertex, Inc
TP5335 SUTEX-TP5335_13 Datasheet
582Kb / 3P
P-Channel Enhancement-Mode Vertical DMOS FET
logo
Microchip Technology
VP0106 MICROCHIP-VP0106 Datasheet
759Kb / 14P
P-Channel Enhancement-Mode Vertical DMOS FET
Rev. A April 2022
VP0808 MICROCHIP-VP0808 Datasheet
733Kb / 12P
P-Channel Enhancement-Mode Vertical DMOS FET
Rev.A April 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com