Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM Datasheet(PDF) 1 Page - Recom International Power

Part # RM
Description  0.25 Watt SIP4 Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RM Datasheet(HTML) 1 Page - Recom International Power

  RM_10 Datasheet HTML 1Page - Recom International Power RM_10 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin typ.
Load Voltage Regulation
3.3V output types
20% max.
(10% to 100% full load)
5V output type
15% max.
12V, 15V, 24V output types
10% max.
Output Ripple and Noise (20MHz limited)
50mVp-p max.
Operating Frequency
50kHz min. / 90kHz typ. / 105kHz max.
Efficiency at Full Load
65% min. / 75% typ.
No Load Power Consumption
45mW min. / 75mW typ. / 155mW max.
Maximum Capacitive Load
22µF
Isolation Voltage
(tested for 1 second)
1000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Voltage
H-Suffix
(tested for 1 second)
2000VDC min.
Rated Working Voltage
H-Suffix
(long term isolation)
see Application Notes
Isolation Capacitance
25pF min. / 82pF max.
Isolation Resistance
10 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Package Weight
RM types
1.4g
RL types
1.8g
Packing Quantity
42 pcs per Tube
MTBF (+25°C)
using MIL-HDBK 217F
1327 x 103 hours
(+85°C)
using MIL-HDBK 217F
302 x 103 hours
Refer to Application Notes
0.25 Watt
SIP4
Single Output
● Single Output Rail
● Industry Standard Pinout
● 1kVDC or 2kVDC Isolation
● High Efficiency for Low Power Applications
● UL94V-0 Package Material
● Optional Continuous Short Circuit Protected
● Fully Encapsulated
● Custom versions available
● Efficiency to 76%
Features
Unregulated
Converter
Selection Guide
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
}DetailedInformationsee
Application Notes chapter "MTBF"
Derating-Graph
(Ambient Temperature)
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
30
Description
The RM series DC/DC converter has been designed for isolating or converting DC power rails with very light loads.
Efficiencies are typically 10% higher than a comparable 0.5W or 1W converters run at the same low load.
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
SIP 4
(2kV)
(VDC)
(VDC)
(mA)
(%)
RM-xx3.3S
(H)
3.3, 5, 12, 15, 24
3.3
76
65-70
RM-xx05S
(H)
3.3, 5, 12, 15, 24
5
50
66-72
RM-xx09S
(H)
3.3, 5, 12, 15, 24
9
28
70-72
RM-xx12S
(H)
3.3, 5, 12, 15, 24
12
21
70-72
RM-xx15S
(H)
3.3, 5, 12, 15, 24
15
17
70-76
xx = Input Voltage (other input and output voltage combinations and output powers available on request)
* add Suffix “P” for Continuous Short Circuit Protection, e.g.
RM-0505S/P, RM-0505S/HP
EN-60950-1 Certified
RM
ECONOLINE
DC/DC-Converter
REV: 0/2010
www.recom-electronic.com
E-2
RoHS
2002/95/EC
6/6


Similar Part No. - RM_10

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
RM-10 DBLECTRO-RM-10 Datasheet
655Kb / 2P
SURFACE MOUNTING TYPE DIP SWITCH
RM-10 DBLECTRO-RM-10 Datasheet
407Kb / 3P
Surface Mouting Type Dip Swith
RM-10-R DBLECTRO-RM-10-R Datasheet
655Kb / 2P
SURFACE MOUNTING TYPE DIP SWITCH
RM-10-T DBLECTRO-RM-10-T Datasheet
655Kb / 2P
SURFACE MOUNTING TYPE DIP SWITCH
RM-10-T-R DBLECTRO-RM-10-T-R Datasheet
655Kb / 2P
SURFACE MOUNTING TYPE DIP SWITCH
More results

Similar Description - RM_10

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RM-1.81.8S RECOM-RM-1.81.8S Datasheet
101Kb / 3P
0.25 Watt SIP4 & DIP8 Single Output
RI-053.3S RECOM-RI-053.3S Datasheet
93Kb / 3P
2 Watt SIP4 Single Output
RM-1.81.8S RECOM-RM-1.81.8S_06 Datasheet
100Kb / 3P
0.25 Watt SIP4 & DIP8 Single Output
RO RECOM-RO_10 Datasheet
97Kb / 2P
1 Watt SIP4 Single Output
RI3-0505S RECOM-RI3-0505S Datasheet
330Kb / 5P
3 Watt SIP4 Single Output
RM-3.305S-E RECOM-RM-3.305S-E Datasheet
93Kb / 2P
0.25 Watt SIP4 Single Output
RO-3.305S-E RECOM-RO-3.305S-E Datasheet
90Kb / 2P
1 Watt SIP4 Single Output
ROE-3.305S RECOM-ROE-3.305S Datasheet
300Kb / 4P
1 Watt SIP4 Single Output
ROL-0505S RECOM-ROL-0505S Datasheet
87Kb / 2P
0.5 Watt SIP4 Single Output
RFM RECOM-RFM Datasheet
444Kb / 4P
1 Watt SIP4 Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com