Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXCL200 Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZXCL200
Description  ULTRA SMALL MICROPOWER SC70 2V 100mA REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCL200 Datasheet(HTML) 7 Page - Zetex Semiconductors

  ZXCL200 Datasheet HTML 1Page - Zetex Semiconductors ZXCL200 Datasheet HTML 2Page - Zetex Semiconductors ZXCL200 Datasheet HTML 3Page - Zetex Semiconductors ZXCL200 Datasheet HTML 4Page - Zetex Semiconductors ZXCL200 Datasheet HTML 5Page - Zetex Semiconductors ZXCL200 Datasheet HTML 6Page - Zetex Semiconductors ZXCL200 Datasheet HTML 7Page - Zetex Semiconductors ZXCL200 Datasheet HTML 8Page - Zetex Semiconductors ZXCL200 Datasheet HTML 9Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
APPLICATIONS INFORMATION
Enable Control
A TTL compatible input is provided to allow the
regulator to be shut down. A low voltage on the Enable
pin puts the device into shutdown mode. In this mode
the regulator circuit is switched off and the quiescent
current reduces to virtually zero (typically less than
10nA). A high voltage on the Enable pin ensures
normal operation.
The Enable pin can be connected to VIN or driven from
an independent source of up to 10V maximum. (e.g.
CMOS logic) for normal operation. There is no clamp
diode from the Enable pin to VIN, so the VIN pin may be
at any voltage within its operating range irrespective of
the voltage on the Enable pin.
Current Limit
The ZXCL200 device includes a current limit circuit
which restricts the maximum output current flow to
typically 200mA. Practically the range of over-current
should be considered as minimum 105mA to
maximum 750mA. The device’s robust design means
that an output short circuit to any voltage between
ground and VOUT can be tolerated for an indefinite
period.
Thermal Overload
Thermal overload protection is included on chip. When
the device junction temperature exceeds a minimum
125°C the device will shut down. The sense circuit will
re-activate the output as the device cools. It will then
cycle until the overload is removed. The thermal
overload protection will be activated when high load
currents or high input to output voltage differentials
cause excess dissipation in the device.
Start up delay
A small amount of hysteresis is provided on the Enable
pin to ensure clean switching. This feature can be used
to introduce a start up delay if required. Addition of a
simple RC network on the Enable pin provides this
function. The following diagram illustrates this circuit
connection. The equation provided enables calculation
of the delay period.
ISSUE 1 - SEPTEMBER 2001
ZXCL200
7
Td
Figure 2
Start up delay (Td)
R
C
Figure 1
Circuit Connection
T
= RCIn
V
V1.5
d(NOM)
IN
IN −


Calculation of start up delay as above



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com