Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXF36L01 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXF36L01
Description  VARIABLE Q FILTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXF36L01 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXF36L01 Datasheet HTML 1Page - Zetex Semiconductors ZXF36L01 Datasheet HTML 2Page - Zetex Semiconductors ZXF36L01 Datasheet HTML 3Page - Zetex Semiconductors ZXF36L01 Datasheet HTML 4Page - Zetex Semiconductors ZXF36L01 Datasheet HTML 5Page - Zetex Semiconductors ZXF36L01 Datasheet HTML 6Page - Zetex Semiconductors ZXF36L01 Datasheet HTML 7Page - Zetex Semiconductors ZXF36L01 Datasheet HTML 8Page - Zetex Semiconductors ZXF36L01 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS
Voltage on any pin
7.0V (relative to Vss)
Operating temperature range
0 to 70°C (de-rated for -40 to 85ºC)
Storage temperature
-55 to 125°C
ELECTRICAL CHARACTERISTICS
Test Co
νditions: Temperature =25°C, V
DD = 5.00V, VSS = 0.00V
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typical
Max.
Units
Operating current
PD=VDD
2.2
3.4
4.5
mA
Shutdown current
PD =VSS
160
300
µA
IIH (PD)
VIH =5V (WRT VSS)1.0
µA
IIL (PD)
VIL =0V (WRT VSS)
-1.0
µA
FILTER CHARACTERISTICS
Max. operating frequency
150
kHz
Q usable range
0.5
50
Centre frequency temperature
coefficient
Q=30,
fo = 1kHz
Note 1
10
ppm/°C
Average Q temperature
coefficient
Q=30,
fo = 1kHz
Note 2
0.1
% /°C
Voltage noise
1 – 100 kHz
20
nV/
√ Hz
Input impedance
30
50
k
Ω
Max. output swing
Output load
≥10 kΩ
1.6
V pk-pk
Output sink current
150
µA
Output source current
150
µA
MIXER CHARACTERISTICS
Max. operating frequency
700
kHz
Maximum signal input
300
mV pk-pk
Maximum Local Oscillator input
100
mV pk-pk
Minimum Local Oscillator input
5
mV pk-pk
Local Oscillator input Impedance
60
Ω
NOTE 1
Centre frequency temperature coefficient is dominated by the external R & C components. On chip drift is
negligable.
Note 2
Average Q temperature coefficient is dominated by the external R components.
ZXF36L01
ISSUE 3 - JANUARY 2002
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com