Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9512i Datasheet(PDF) 9 Page - SMSC Corporation

Part # LAN9512i
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9512i Datasheet(HTML) 9 Page - SMSC Corporation

Back Button LAN9512i Datasheet HTML 5Page - SMSC Corporation LAN9512i Datasheet HTML 6Page - SMSC Corporation LAN9512i Datasheet HTML 7Page - SMSC Corporation LAN9512i Datasheet HTML 8Page - SMSC Corporation LAN9512i Datasheet HTML 9Page - SMSC Corporation LAN9512i Datasheet HTML 10Page - SMSC Corporation LAN9512i Datasheet HTML 11Page - SMSC Corporation LAN9512i Datasheet HTML 12Page - SMSC Corporation LAN9512i Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
USB 2.0 Hub and 10/100 Ethernet Controller
Datasheet
SMSC LAN9512/LAN9512i
9
Revision 1.0 (11-24-09)
DATASHEET
Chapter 2 Pin Description and Configuration
Figure 2.1 LAN9512/LAN9512i 64-QFN Pin Assignments (TOP VIEW)
NOTE: Exposed pad (VSS) on bottom of package must be connected to ground
NOTE: When HP Auto-MDIX is activated, the TXN/TXP pins can function as RXN/RXP and vice-versa
EXRES
TDO
18
19
20
21
22
23
24
25
26
27
28
29
30
31
63
62
61
60
59
58
57
56
55
54
53
52
51
50
VDD33A
RXP
RXN
VDD33A
TXP
TXN
VDD33A
USBDM0
USBDP0
XO
XI
VDD18USBPLL
USBRBIAS
TDI
TMS
nTRST
VDD33IO
EEDI
EEDO
EECS
EECLK
nSPD_LED/GPIO2
nLNKA_LED/GPIO1
nFDX_LED/GPIO0
VDD33IO
NC
VDD33A 49
VDD33A 64
32
TCK
17
NC
VSS
SMSC
LAN9512/LAN9512i
64 PIN QFN
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com