Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE93C46TMUH Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE93C46TMUH
Description  Three-wire Serial EEPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE93C46TMUH Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE93C46TMUH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE93C46TMUH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE93C46TMUH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE93C46TMUH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE93C46TMUH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE93C46TMUH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE93C46TMUH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE93C46TMUH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE93C46TMUH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
 
                                                                                                                
ACE93C46
                        Technology
Three-wire Serial EEPROM
VER 1.2
3
Ordering information
Selection Guide
ACE93C46 XX
+
X
H
Pin Capacitance
Applicable over recommended operating range from TA=25℃, f=1.0MHz,VCC=+1.8V (unless otherwise noted)
Test Conditions
Symbol
Max
Unit
Conditions
Output Capacitance (DO)
COUT
5
pF
VOUT=0V
Input Capacitance (CS, SK, DI)
CIN
5
pF
VIN=0V
DC Characteristics
Applicable over recommended operating range from: TA = -40℃ to +85℃, VCC = +1.8V to +5.5V, (unless otherwise noted).
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC1
Supply Voltage
1.8
5.5
V
VCC2
Supply Voltage
2.7
5.5
V
 
VCC3
Supply Voltage
4.5
5.5
V
 
ICC1
Supply Current
VCC = 5.0V,
Read at 1.0MHz
Write at 1.0MHz
0.2
0.9
2.0
3.0
mA
ISB1
Standby Current
VCC = 1.8V, CS=0V
1.0
µA
ISB2
Standby Current
VCC = 2.7V, CS=0V
1.0
µA
ISB3
Standby Current
VCC = 5.0V, CS=0V
1.0
µA
ILI(1)
Input Leakage
VIN = 0 to VCC
0.1
1.0
µA
ILI(2)
Input Leakage
VIN = 0 to VCC
2.0
3.0
µA
IOL
Output Leakage
VIN = 0 to VCC
0.1
1.0
µA
VIL1(3)
Input Low Voltage
2.7V≦Vcc≦5.5V
-0.3
0.8
V
VIH1(3)
Input High Voltage
2.7V≦Vcc≦5.5V
2.0
Vcc+0.3
V
Pb - free
U : Tube
T : Tape and Reel
DP : PDIP-8
FM : SOP-8
TM : TSSOP-8
Halogen-free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com