Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE72010RGCTG4 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010RGCTG4
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010RGCTG4 Datasheet(HTML) 49 Page - Texas Instruments

Back Button CDCE72010RGCTG4 Datasheet HTML 45Page - Texas Instruments CDCE72010RGCTG4 Datasheet HTML 46Page - Texas Instruments CDCE72010RGCTG4 Datasheet HTML 47Page - Texas Instruments CDCE72010RGCTG4 Datasheet HTML 48Page - Texas Instruments CDCE72010RGCTG4 Datasheet HTML 49Page - Texas Instruments CDCE72010RGCTG4 Datasheet HTML 50Page - Texas Instruments CDCE72010RGCTG4 Datasheet HTML 51Page - Texas Instruments CDCE72010RGCTG4 Datasheet HTML 52Page - Texas Instruments CDCE72010RGCTG4 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
50W
VCXO
Input
50W
VBB
P
N
INV
AUX
Input
--
--
--
--
ON
X
X
1
X
X
X
--
--
--
--
OFF
X
X
0
X
X
X
--
External
--
LVDS
ON
X
1
1
X
1
1
1.2V
Internal
DC
LVDS
ON
0
0
1
1
1
1
1.2V
Internal
AC
LVDS
ON
0
0
1
0
1
1
--
External
--
LVPECL
ON
X
1
1
X
0
1
1.2V
Internal
DC
LVPECL
ON
0
0
1
1
0
1
1.9V
Internal
AC
LVPECL
ON
0
0
1
0
0
1
--
N/A
DC
LVCMOS
ON
X
X
1
X
0
0
Vbb
Term
Coup
Mode
Hyst
8.5
8.4
8.3
8.2
8.1
8.0
Configuration
Settings
O
C
C
1
0
1
X
C
C
C
0
0
1
X
O
O
O
X
1
X
X
O
O
O
X
X
0
0
INV
N
P
8.5
8.4
8.1
8.0
Register / Bits
Switch
VCXO & AUX Input Buffer Settings
VCXO Input Buffer Settings
AUTOMATIC/MANUAL REFERENCE CLOCK SWITCHING (SMART MUX)
PRI_REF
SEC_REF
Internal
ReferenceClock
VCXOWith
100HzLoop
Auto-Reference
1
2
1
2
3
4
primary
secondary
primary
CDCE72010
www.ti.com.............................................................................................................................................................. SCAS858A – JUNE 2008 – REVISED JULY 2009
Figure 17. VCXO_IN and AUX_IN Voltage Biasing Circuitry
The CDCE72010 supports two reference clock inputs, the primary clock input, PRI_REF, and the secondary
clock input, SEC_REF. The clocks can be selected manually or automatically. The respective mode is selected
by the dedicated SPI register. In the manual mode the external REF_SEL signal selects one of the two input
clocks
In the automatic mode the primary clock is selected by default even if both clocks are available. In case the
primary clock is not available or fails, then the input switches to the secondary clock until the primary clock is
back. The figure below shows the automatic clock selection.
Figure 18. Automatic Clock Select Timing
In the automatic mode the frequencies of both clock signals has to be similar but may differ by up to 20%. There
is no limitation placed on the phase relationship between the two inputs.
The clock input circuitry is designed to suppress glitches during switching between the primary and secondary
clock in the manual and automatic mode. This insures that the clock outputs continue to clock reliably when a
transition from a clock input occurs.
The phase of the output clock will slowly follow the new input phase. The speed of this transition is determined
by the loop bandwidth. However, there is no phase build-out function supported (like in SONET/SDH
applications).
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com