Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3V5004G Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MP3V5004G
Description  Integrated Silicon Pressure Sensor, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MP3V5004G Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MP3V5004G Datasheet HTML 1Page - Freescale Semiconductor, Inc MP3V5004G Datasheet HTML 2Page - Freescale Semiconductor, Inc MP3V5004G Datasheet HTML 3Page - Freescale Semiconductor, Inc MP3V5004G Datasheet HTML 4Page - Freescale Semiconductor, Inc MP3V5004G Datasheet HTML 5Page - Freescale Semiconductor, Inc MP3V5004G Datasheet HTML 6Page - Freescale Semiconductor, Inc MP3V5004G Datasheet HTML 7Page - Freescale Semiconductor, Inc MP3V5004G Datasheet HTML 8Page - Freescale Semiconductor, Inc MP3V5004G Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP3V5004G
Rev 2, 06/2010
Freescale Semiconductor
© Freescale Semiconductor, Inc., 2008, 2010. All rights reserved.
Pressure
Integrated Silicon Pressure Sensor,
On-Chip Signal Conditioned,
Temperature Compensated and
Calibrated
The MP3V5004G series piezoresistive transducer is a state-of-the-art
monolithic silicon pressure sensor designed for a wide range of
applications, but particularly those employing a microcontroller or
microprocessor with A/D inputs. This sensor combines a highly sensitive
implanted strain gauge with advanced micromachining techniques, thin-film
metallization, and bipolar processing to provide an accurate, high level
analog output signal that is proportional to the applied pressure.
Features
• Temperature Compensated from 10°C to 60°C
• Available in Gauge Surface Mount (SMT) Configuration
• Durable Thermoplastic (PPS) Package
ORDERING INFORMATION
Device Name
Package
Options
Case
No.
# of Ports
Pressure Type
Device Marking
None
Single
Dual
Gauge
Differential
Absolute
Small Outline Package (MP3V5004 Series)
MP3V5004GC6U
Rail
482A
•
•
MP3V5004G
MP3V5004GC6T1
Tape & Reel
482A
•
•
MP3V5004G
MP3V5004DP
Trays
1351
•
•
MP3V5004DP
MP3V5004GVP
Trays
1368
•
•
MP3V5004GV
MP3V5004GP
Trays
1369
•
•
MP3V5004GP
MP3V5004G
0 to 3.92 kPa (0 to 400 mm H2O)
0.6 to 3.0 V Output
Series
MP3V5004GVP
CASE 1368
MP3V5004GP
CASE 1369
MP3V5004GC6U/6T1
CASE 482A
MP3V5004DP
CASE 1351
SMALL OUTLINE PACKAGES
Typical Applications
• Washing Machine Water Level
• Ideally Suited for Microprocessor or
Microcontroller-Based Systems


Similar Part No. - MP3V5004G

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MP3V5004G FREESCALE-MP3V5004G Datasheet
279Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5004GC6T1 FREESCALE-MP3V5004GC6T1 Datasheet
279Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5004GC6U FREESCALE-MP3V5004GC6U Datasheet
279Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5004GC7U FREESCALE-MP3V5004GC7U Datasheet
279Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5004GP FREESCALE-MP3V5004GP Datasheet
279Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
More results

Similar Description - MP3V5004G

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5010 FREESCALE-MPX5010 Datasheet
443Kb / 18P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5100 FREESCALE-MP3V5100 Datasheet
111Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV4115V FREESCALE-MPXV4115V_12 Datasheet
94Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
logo
NXP Semiconductors
MP3V7007 NXP-MP3V7007 Datasheet
156Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 0, 11/2008
MPX4250 NXP-MPX4250 Datasheet
173Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 7, 1/2009
MPXV7007 NXP-MPXV7007 Datasheet
949Kb / 19P
Integrated silicon pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 4-26 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com