Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3V5010 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MP3V5010
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned,Temperature Compensated and Calibrated
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MP3V5010 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MP3V5010 Datasheet HTML 3Page - Freescale Semiconductor, Inc MP3V5010 Datasheet HTML 4Page - Freescale Semiconductor, Inc MP3V5010 Datasheet HTML 5Page - Freescale Semiconductor, Inc MP3V5010 Datasheet HTML 6Page - Freescale Semiconductor, Inc MP3V5010 Datasheet HTML 7Page - Freescale Semiconductor, Inc MP3V5010 Datasheet HTML 8Page - Freescale Semiconductor, Inc MP3V5010 Datasheet HTML 9Page - Freescale Semiconductor, Inc MP3V5010 Datasheet HTML 10Page - Freescale Semiconductor, Inc MP3V5010 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MP3V5010
Sensors
Freescale Semiconductor
7
Pressure
PACKAGE DIMENSIONS
CASE 482A-01
ISSUE A
SMALL OUTLINE PACKAGE
CASE 1351-01
ISSUE O
SMALL OUTLINE PACKAGE
PIN 1 IDENTIFIER
H
SEATING
PLANE
-T-
W
C
M
J
K
V
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
10.54
0.425
0.415
10.79
B
10.54
0.425
0.415
10.79
C
12.70
0.520
0.500
13.21
D
0.96
0.042
0.038
1.07
G
0.100 BSC
2.54 BSC
H
0.002
0.010
0.05
0.25
J
0.009
0.011
0.23
0.28
K
0.061
0.071
1.55
1.80
M
0˚
7˚
0˚
7˚
N
0.444
0.448
11.28
11.38
S
0.709
0.725
18.01
18.41
V
0.245
0.255
6.22
6.48
W
0.115
0.125
2.92
3.17
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006).
5. ALL VERTICAL SURFACES 5˚ TYPICAL DRAFT.
S
D 8 PL
G
4
5
8
1
S
B
M
0.25 (0.010)
A
T
-A-
-B-
N
S
NOTES:
1.
2.
3.
4.
CONTROLLING DIMENSION: INCH.
INTERPRET DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 1994.
DIMENSIONS "D" AND "E1" DO NOT INCLUDE
MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR
PROTRUSIONS SHALL NOT EXCEED 0.006 (0.152)
PER SIDE.
DIMENSION "b" DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.008 (0.203) MAXIMUM.
N
A
C
0.004 (0.1)
DETAIL G
SEATING
PLANE
8X
P
D
E
e/2
e
A
M
0.004 (0.1)
B
C
E1
A
B
A
0.006 (0.15)
B
C
8X
b
2 PLACES 4 TIPS
1
4
8
5
F
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
0.370
0.390
9.39
9.91
0.002
0.010
0.05
0.25
0.038
0.042
0.96
1.07
0.465
0.485
11.81
12.32
0.680
0.700
17.27
17.78
0.465
0.485
11.81
12.32
0.270
0.290
6.86
7.37
0.160
0.180
4.06
4.57
0.009
0.011
0.23
0.28
0.110
0.130
2.79
3.30
0.100 BSC
2.54 BSC
0.240
0.260
6.10
6.60
0.115
0.135
2.92
3.43
0.040
0.060
1.02
1.52
0˚
7˚
0˚
7˚
DIM
A
A1
b
D
E
E1
e
M
N
P
T
F
K
L
θ
K
M
T
∅
GAGE
PLANE
DETAIL G
L
A1
θ
.014 (0.35)
STYLE 1:
PIN 1. GND
2. +Vout
3. Vs
4. -Vout
5. N/C
6. N/C
7. N/C
8. N/C
STYLE 2:
PIN 1. N/C
2. Vs
3. GND
4. Vout
5. N/C
6. N/C
7. N/C
8. N/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com