Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3V5010GVP Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MP3V5010GVP
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned,Temperature Compensated and Calibrated
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MP3V5010GVP Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MP3V5010GVP Datasheet HTML 1Page - Freescale Semiconductor, Inc MP3V5010GVP Datasheet HTML 2Page - Freescale Semiconductor, Inc MP3V5010GVP Datasheet HTML 3Page - Freescale Semiconductor, Inc MP3V5010GVP Datasheet HTML 4Page - Freescale Semiconductor, Inc MP3V5010GVP Datasheet HTML 5Page - Freescale Semiconductor, Inc MP3V5010GVP Datasheet HTML 6Page - Freescale Semiconductor, Inc MP3V5010GVP Datasheet HTML 7Page - Freescale Semiconductor, Inc MP3V5010GVP Datasheet HTML 8Page - Freescale Semiconductor, Inc MP3V5010GVP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP3V5010
Sensors
4
Freescale Semiconductor
Pressure
ON-CHIP TEMPERATURE COMPENSATION, CALIBRATION AND SIGNAL CONDITIONING
The performance over temperature is achieved by
integrating the shear-stress strain gauge, temperature
compensation, calibration and signal conditioning circuitry
onto a single monolithic chip.
Figure 2 illustrates the Differential or Gauge configuration
in the basic chip carrier (Case 482). A fluorosilicone gel
isolates the die surface and wire bonds from the environment,
while allowing the pressure signal to be transmitted to the
sensor diaphragm.
The MP3V5010 series pressure sensor operating
characteristics, and internal reliability and qualification tests
are based on use of dry air as the pressure media. Media,
other than dry air, may have adverse effects on sensor
performance and long-term reliability. Contact the factory for
information regarding media compatibility in your application.
Figure 3 shows the recommended decoupling circuit for
interfacing the integrated sensor to the A/D input of a
microprocessor or microcontroller. Proper decoupling of the
power supply is recommended.
Figure 4 shows the sensor output signal relative to
pressure input. Typical, minimum, and maximum output
curves are shown for operation over a temperature range of
0
° to 85°C using the decoupling circuit shown in Figure 3. The
output will saturate outside of the specified pressure range.
Figure 2. Cross-Sectional Diagram SOP
(not to scale)
Figure 3. Recommended Power Supply Decoupling and Output Filtering
(For additional output filtering, please refer to Application Note AN1646.)
Fluoro Silicone
Gel Die Coat
Wire Bond
Die
P1
Stainless
Steel Cap
Thermoplastic
Case
Die Bond
Differential Sensing
Element
P2
Lead
Frame
+3 V
1.0 μF
0.01 μF
470 pF
GND
Vs
Vout
IPS
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com