Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDIP1 Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # VDIP1
Description  Vinculum VNC1L Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VDIP1 Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button VDIP1 Datasheet HTML 7Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 8Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 9Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 10Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 11Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 12Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 13Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 14Page - Future Technology Devices International Ltd. VDIP1 Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
10
Document Reference No.: FT_000016
VDIP1 Vinculum VNC1L Module Datasheet Version 1.01
Clearance No.: FTDI# 131
3.6.2 SPI Slave Data Write Cycle
When in SPI mode, the timing of a write operation is shown in
Figure 3.4 – SPI Slave Data Write Cycle.
From Start - SPI CS must be held high for the entire write cycle, and must be taken low for at least
one clock period after t he write is co mpletedThe. first bit on SPI Data In is the R/W bit - inputting
a ‘0’ here a llows data to be written to the chip. The next bit is the address bit, ADD, which is used
to indicate whether the data register (‘0’) or the status register (‘1’) is written to. During the SPI
write cycle a byte of data can be input to SPI Data In on the next clock cycle after t he address bit,
MSBAfterfirst.t he data has been clocked in to the chip, t he status of SPI Data Out should be
checked to see if the data read was accepted. A ‘0’ level on SPI Data Out means that the data
write was accepted. A ‘1’ indicates that the internal buffer is full, and the write should be repeated.
Remember that CS must be held low for at least one clock period before being taken high again to
continue with the next read or write cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com