Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2021AQDREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2021AQDREP
Description  EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2021AQDREP Datasheet(HTML) 5 Page - Texas Instruments

  TLE2021AQDREP Datasheet HTML 1Page - Texas Instruments TLE2021AQDREP Datasheet HTML 2Page - Texas Instruments TLE2021AQDREP Datasheet HTML 3Page - Texas Instruments TLE2021AQDREP Datasheet HTML 4Page - Texas Instruments TLE2021AQDREP Datasheet HTML 5Page - Texas Instruments TLE2021AQDREP Datasheet HTML 6Page - Texas Instruments TLE2021AQDREP Datasheet HTML 7Page - Texas Instruments TLE2021AQDREP Datasheet HTML 8Page - Texas Instruments TLE2021AQDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
TLE202xEP, TLE202xAEP
EXCALIBUR HIGHSPEED LOW POWER PRECISION
OPERATIONAL AMPLIFIERS
SGLS235B− FEBRUARY 2004 − REVISED JUNE 2007
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLE2021 electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TA†
TLE2021-EP
TLE2021A-EP
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
120
600
100
400
V
VIO
Input offset voltage
Full range
800
550
µV
αVIO
Temperature
coefficient of input
offset voltage
Full range
2
2
µV/°C
Input offset voltage
long-term drift
(see Note 4)
VIC = 0,
RS = 50 Ω
25
°C
0.005
0.005
µV/mo
IIO
Input offset current
25
°C
0.2
6
0.2
6
nA
IIO
Input offset current
Full range
10
10
nA
IIB
Input bias current
25
°C
25
70
25
70
nA
IIB
Input bias current
Full range
90
90
nA
VICR
Common-mode input
RS = 50 Ω
25
°C
0
to
3.5
−0.3
to
4
0
to
3.5
−0.3
to
4
V
VICR
Common-mode input
voltage range
RS = 50 Ω
Full range
0
to
3.2
0
to
3.2
V
VOH
High-level output
25
°C
4
4.3
4
4.3
V
VOH
High-level output
voltage
RL = 10 kΩ
Full range
3.8
3.8
V
VOL
Low-level output
RL = 10 kΩ
25
°C
0.7
0.8
0.7
0.8
V
VOL
Low-level output
voltage
Full range
0.95
0.95
V
AVD
Large-signal
differential
VO = 1.4 V to 4 V, RL = 10 kΩ
25
°C
0.3
1.5
0.3
1.5
V/ V
AVD
differential
voltage amplification
VO = 1.4 V to 4 V, RL = 10 kΩ
Full range
0.1
0.1
V/
µV
CMRR
Common-mode
VIC = VICRmin,
RS = 50 Ω
25
°C
85
110
85
110
dB
CMRR
Common-mode
rejection ratio
VIC = VICRmin,
RS = 50 Ω
Full range
80
80
dB
kSVR
Supply-voltage
rejection ratio
VCC = 5 V to 30 V
25
°C
105
120
105
120
dB
kSVR
rejection ratio
(
∆VCC± /∆VIO)
VCC = 5 V to 30 V
Full range
100
100
dB
ICC
Supply current
25
°C
170
300
170
300
A
ICC
Supply current
V
= 2.5 V,
No load
Full range
300
300
µA
∆ICC
Supply current
change over operating
temperature range
VO = 2.5 V,
No load
Full range
9
9
µA
† Full range is −40°C to 125°C.
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com