Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVB170SC Datasheet(PDF) 2 Page - Tyco Electronics

Part # TVB170SC
Description  Thyristor Surge Protectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TVB170SC Datasheet(HTML) 2 Page - Tyco Electronics

  TVB170SC Datasheet HTML 1Page - Tyco Electronics TVB170SC Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tyco / Electronics
Raychem Circuit Protection
308 Constitution Drive
Menlo Park, CA 94025-1164
Phone: 800-227-4856
Fax: 800-227-4866
SiBar™
Thyristor Surge Protectors
PRODUCT: TVB170SC
DOCUMENT: SCD 24273
PCN: 295555
REV LETTER: C
REV DATE: AUGUST 24, 2004
PAGE NO.: 2 OF 2
DEVICE RATINGS @ 25º C (Both Polarities)
Parameter
Symbol
Value
Units
Repetitive Off-State Voltage, Maximum at ID = 5 µA
VDM
170
V
Non-Repetitive Peak
Telcordia GR-1089 CORE 10x1000 µs
Impulse Current
TIA-968 lightning Type A Metallic 10/560 µs
Double exponential
TIA-968 lightning Type A Longit. 10/160 µs
Waveform
Telcordia GR-1089 Intrabuilding 2/10 µs
(Notes 1 and 2)
IEC61000-4-5 (Voc 1.2/50us) 8/20 µs
ITU-T K.20/K.21 (Voc 10/700us) 5/310 µs
TIA-968 lightning Type B (Voc 9/720us) 5/320 µs
IPP1
IPP2
IPP3
IPP4
IPP5
IPP6
IPP7
100
150
200
500
400
150
150
A
A
A
A
A
A
A
Critical Rate of Rise of On-State Current
Power Pulse Amplifier, C =30µF, Vmax = 600V
Maximum 2x10 µsec waveform, VOC=2.5kV, ISC=500A peak
di/dt
di/dt
500
330
A/µs
A/µs
DEVICE THERMAL RATINGS
Storage Temperature Range
TSTG
-55 to 150
ºC
Operating Temperature Range
Blocking or conducting state
TA
-40 to 125
ºC
Overload Junction Temperature
Maximum; Conducting state only
TJ
+150
ºC
Maximum Lead Temperature for Soldering Purpose; for 10 seconds
TL
+260
ºC
ELECTRICAL CHARACTERISTICS Both polarities (TJ @ 25ºC unless otherwise noted)
Characteristics
Symbol
Min
Typ
Max
Units
Breakover Voltage
(+25ºC)
(dv/dt = 0.4kV/µsec, ISC=900A, VDC= 500V (both polarities))
VBO
----
230
265
V
Breakover Voltage Temperature Coefficient
dVBO/dTJ
----
0.1
-----
%/ºC
Off-State Current
(VD1=50V)
(VD2=VDM)
ID1
ID2=IDM
----
----
-----
-----
2.0
5.0
µA
µA
On-State Voltage
(IT=1A)
(PW
≤ 300 µsec, Duty Cycle ≤ 2% (Note 2))
VT
----
-----
4.0
V
Breakover Current
IBO
----
-----
800
mA
Holding Current
(Note 2)
IH
150
-----
----
mA
Peak Onstage Surge Current
(Measured @ 60Hz, 1 cycle, 600V)
ITSM
60
----
----
A
Critical Rate of Rise of Off-State Voltage
(Linear waveform, VD = 0.8 X Rated VBO, TJ= +25ºC)
dv/dt
5000
----
----
V/µs
Capacitance
(f=1.0 Mhz, 50Vdc bias, 1Vrms)
(f=1.0 Mhz, 2Vdc bias, 1Vrms)
C1
C2
----
----
60
125
----
pF
pF
Note 1. Allow cooling before test second polarity
Note 2. Measured under pulse conditions to reduce heating
VOLTAGE-CURRENT CHARACTERISTIC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com