Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4521 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # THS4521
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4521 Datasheet(HTML) 25 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 21Page - Texas Instruments THS4521 Datasheet HTML 22Page - Texas Instruments THS4521 Datasheet HTML 23Page - Texas Instruments THS4521 Datasheet HTML 24Page - Texas Instruments THS4521 Datasheet HTML 25Page - Texas Instruments THS4521 Datasheet HTML 26Page - Texas Instruments THS4521 Datasheet HTML 27Page - Texas Instruments THS4521 Datasheet HTML 28Page - Texas Instruments THS4521 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
THS452x
V
OUT-
V
OUT+
R
F
R
F
R
G
R
G
Single-Ended
Input
Differential
Output
V
S+
V
S-
THS452x
V
OUT-
V
IN-
V
OUT+
V
IN+
R
F
R
F
R
G
R
G
Differential
Input
Differential
Output
V
S+
V
S-
V
OUT+ ´
R
R +R
G
G
F
V
IN- ´
R
R +R
F
G
F
+
THS4521
THS4522
THS4524
www.ti.com
SBOS458D – DECEMBER 2008 – REVISED AUGUST 2010
APPLICATION INFORMATION
The following circuits show application information for
the THS4521, THS4522, and THS4524 family. For
simplicity, power-supply decoupling capacitors are
not shown in these diagrams; see the EVM and
Layout Recommendations section for suggested
guidelines. For more details on the use and operation
of fully differential op amps, refer to the Application
Report
Fully-Differential
Amplifiers
(SLOA054),
available for download from the TI web site at
www.ti.com.
Differential Input to Differential Output
Amplifier
The THS4521, THS4522, and THS4524 family are
fully-differential operational amplifiers that can be
Figure 61. Single-Ended Input to Differential
used to amplify differential input signals to differential
Output Amplifier
output signals. Figure 60 shows a basic block
diagram of the circuit (VOCM and PD inputs not
shown). The gain of the circuit is set by RF divided by
Input Common-Mode Voltage Range
RG.
The input common-mode voltage of a fully-differential
op amp is the voltage at the + and – input pins of the
device.
It is important to not violate the input common-mode
voltage range (VICR) of the op amp. Assuming the op
amp is in linear operation, the voltage across the
input pins is only a few millivolts at most. Therefore,
finding the voltage at one input pin determines the
input common-mode voltage of the op amp.
Treating the negative input as a summing node, the
voltage is given by Equation 1:
(1)
Figure 60. Differential Input to Differential Output
To determine the VICR of the op amp, the voltage at
Amplifier
the negative input is evaluated at the extremes of
VOUT+. As the gain of the op amp increases, the input
Single-Ended Input to Differential Output
common-mode voltage becomes closer and closer to
Amplifier
the input common-mode voltage of the source.
The THS4521, THS4522, and THS4524 family can
also amplify and convert single-ended input signals to
Setting the Output Common-Mode Voltage
differential output signals. Figure 61 illustrates a basic
The output common-model voltage is set by the
block diagram of the circuit (VOCM and PD inputs not
voltage at the VOCM pin. The internal common-mode
shown). The gain of the circuit is again set by RF
control circuit maintains the output common-mode
divided by RG.
voltage within 5-mV offset (typ) from the set voltage.
If left unconnected, the common-mode set point is set
to midsupply by internal circuitry, which may be
overdriven from an external source.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): THS4521 THS4522 THS4524



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com