Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8728 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8728
Description  Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8728 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC8728 Datasheet HTML 17Page - Texas Instruments DAC8728 Datasheet HTML 18Page - Texas Instruments DAC8728 Datasheet HTML 19Page - Texas Instruments DAC8728 Datasheet HTML 20Page - Texas Instruments DAC8728 Datasheet HTML 21Page - Texas Instruments DAC8728 Datasheet HTML 22Page - Texas Instruments DAC8728 Datasheet HTML 23Page - Texas Instruments DAC8728 Datasheet HTML 24Page - Texas Instruments DAC8728 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
8
6
4
2
0
-2
-4
-6
-8
-55
-35
-15
5
125
85
105
25
45
65
Temperature(°C)
I
AVDD
I
AVSS
Code=8000h
8
6
4
2
0
-2
-4
-6
-8
8192
0
65536
57344
49152
40960
32768
24576
16384
DigitalInputCode
I
AVDD
I
AVSS
8
6
4
2
0
-2
-4
-6
-8
0
2
4
1
3
5
6
V
(V)
REF
I
AVDD
I
AVSS
AV
=+18V
AV
= 18V
Code=8000h
DD
SS
-
6
4
2
0
-2
-4
-6
-12 -10 -8
-6
-4
-2
0
2
4
6
8
10
12
I
(mA)
OUT
FFFFh
0000h
8000h
C000h
4000h
Time(10 s/div)
m
1LSB/div
5V/div
5V/div
LDAC
Small-SignalError
Large-SignalOutput
Codechange:0000htoFFFFh
Outputloadedwith10k
and
240pFtoAGND
W
Time(10 s/div)
m
1LSB/div
5V/div
5V/div
Large-SignalOutput
Small-SignalError
LDAC
CodeChange:FFFFhto0000h
OutputLoadedwith10k
and
240pFtoAGND
W
DAC8728
www.ti.com
SBAS466A – JUNE 2009 – REVISED NOVEMBER 2009
TYPICAL CHARACTERISTICS: Dual-Supply (continued)
At TA = +25°C, VREF = +5V, AVDD = +16.5V, AVSS = –16.5V, and gain = 6, unless otherwise noted.
QUIESCENT CURRENTS
QUIESCENT CURRENTS
vs TEMPERATURE
vs DIGITAL INPUT CODE
Figure 34.
Figure 35.
QUIESCENT CURRENTS
DELTA OUTPUT VOLTAGE
vs REFERENCE VOLTAGE
vs SOURCE/SINK CURRENTS
Figure 36.
Figure 37.
SETTLING TIME
SETTLING TIME
–15V TO +15V TRANSITION
+15V TO –15V TRANSITION
Figure 38.
Figure 39.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): DAC8728



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com