Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF5002 Datasheet(PDF) 6 Page - Analog Devices

Part # ADF5002
Description  4GHz to 18GHz Divide-by-8 Prescaler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5002 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADF5002 Datasheet HTML 2Page - Analog Devices ADF5002 Datasheet HTML 3Page - Analog Devices ADF5002 Datasheet HTML 4Page - Analog Devices ADF5002 Datasheet HTML 5Page - Analog Devices ADF5002 Datasheet HTML 6Page - Analog Devices ADF5002 Datasheet HTML 7Page - Analog Devices ADF5002 Datasheet HTML 8Page - Analog Devices ADF5002 Datasheet HTML 9Page - Analog Devices ADF5002 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADF5002
Rev. 0 | Page 6 of 1
TYPICAL PERFORMANCE CHARACTERISTICS
–5
–10
–15
–25
–35
–45
–50
2.4
3.0
3.6
VDDx (V)
–60
–50
–40
–30
–20
–10
0
2
0
5
10
15
25
20
30
INPUT FREQUENCY (GHz)
VDD = 3.0V
VDD = 3.3V
VDD = 3.6V
Figure 3. RF Input Sensitivity
40
35
30
25
20
15
10
5
0
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
VDDx (V)
IDD_IN
fIN = 10GHz, PIN = 0dBm
IDD_OUT
Figure 4. IDD1 and IDD2 vs. VDDx, fIN = 10 GHz, PIN = 0 dBm
0
–2
–4
–6
–8
–10
–14
–18
–12
–16
–20
2.5
2.9
3.3
3.7
VDDx (V)
3.9
2.7
3.1
3.5
fIN = 10GHz, PIN = 0dBm
Figure 5. RF Output Power (Single-Ended) vs. VDDx, fIN = 10 GHz, PIN = 0 dBm
2.7
3.3
–20
–30
–40
FIRST HARMONIC
THIRD HARMONIC
FIFTH HARMONIC
SEVENTH HARMONIC
EIGHTH HARMONIC
NINTH HARMONIC
ELEVENTH HARMONIC
Figure 6. RF Output Harmonic Content vs. VDDx
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
05
10
20
30
15
25
INPUT FREQUENCY (GHz)
fIN = 10GHz, VDD = 3.3V
Figure 7. RF Output Power vs. RF Input Frequency, fIN = 10 GHz, VDD = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com