Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1883 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP1883
Description  Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1883 Datasheet(HTML) 3 Page - Analog Devices

  ADP1883 Datasheet HTML 1Page - Analog Devices ADP1883 Datasheet HTML 2Page - Analog Devices ADP1883 Datasheet HTML 3Page - Analog Devices ADP1883 Datasheet HTML 4Page - Analog Devices ADP1883 Datasheet HTML 5Page - Analog Devices ADP1883 Datasheet HTML 6Page - Analog Devices ADP1883 Datasheet HTML 7Page - Analog Devices ADP1883 Datasheet HTML 8Page - Analog Devices ADP1883 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
ADP1882/ADP1883
Rev. 0 | Page 3 of 40
SPECIFICATIONS
All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC). VDD = 5 V, BST − SW = 5 V,
VIN = 13 V. The specifications are valid for TJ = −40°C to +125°C, unless otherwise specified.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
POWER SUPPLY CHARACTERISTICS
High Input Voltage Range
VIN
ADP1882ARMZ-0.3/ADP1883ARMZ-0.3 (300 kHz)
2.75
12
20
V
ADP1882ARMZ-0.6/ADP1883ARMZ-0.6 (600 kHz)
2.75
12
20
V
ADP1882ARMZ-1.0/ADP1883ARMZ-1.0 (1.0 MHz)
3.0
12
20
V
Low Input Voltage Range
VDD
CIN = 1 μF to PGND, CIN = 0.22 μF to GND
ADP1882ARMZ-0.3/ADP1883ARMZ-0.3 (300 kHz)
2.75
5
5.5
V
ADP1882ARMZ-0.6/ADP1883ARMZ-0.6 (600 kHz)
2.75
5
5.5
V
ADP1882ARMZ-1.0/ADP1883ARMZ-1.0 (1.0 MHz)
3.0
5
5.5
V
Quiescent Current
IQ_DD + IQ_BST
FB = 1.5 V, no switching
1.1
mA
Shutdown Current
IDD,SD + IBST,SD
COMP/EN < 285 mV
140
215
μA
Undervoltage Lockout
UVLO
Rising VDD (see Figure 35 for temperature variation)
2.65
V
UVLO Hysteresis
Falling VDD from operational state
190
mV
SOFT START
Soft Start Period
See Figure 58
3.0
ms
ERROR AMPLIFIER
FB Regulation Voltage
VFB
TJ = 25°C
800
mV
TJ = −40°C to +85°C
795.3
800
805.5
mV
TJ = −40°C to +125°C
792.8
800
808.0
mV
Transconductance
GM
300
520
730
μs
FB Input Leakage Current
IFB, LEAK
FB = 0.8 V, COMP/EN = released
1
50
nA
CURRENT-SENSE AMPLIFIER GAIN
Programming Resistor (RES)
Value from DRVL to PGND
RES = 47 kΩ ± 1%
2.98
3.4
3.7
V/V
RES = 22 kΩ ± 1%
6
6.6
7.4
V/V
RES = none
24.1
26.7
29.3
V/V
RES = 100 kΩ ± 1%
12.1
13.4
14.7
V/V
SWITCHING FREQUENCY
Typical values measured at 50% time points with
0 nF at DRVH and DRVL; maximum values are
guaranteed by bench evaluation1
ADP1882ARMZ-0.3/
ADP1883ARMZ-0.3 (300 kHz)
300
kHz
On Time
VIN = 5 V, VOUT = 2 V, TJ = 25°C
1115
1200
1285
ns
Minimum On Time
VIN = 20 V
145
190
ns
Minimum Off Time
84% duty cycle (maximum)
340
400
ns
ADP1882ARMZ-0.6/
ADP1883ARMZ-0.6 (600 kHz)
600
kHz
On Time
VIN = 5 V, VOUT = 2 V, TJ = 25°C
490
540
585
ns
Minimum On Time
VIN = 20 V, VOUT = 0.8 V
82
110
ns
Minimum Off Time
65% duty cycle (maximum)
340
400
ns
ADP1882ARMZ-1.0/
ADP1883ARMZ-1.0 (1.0 MHz)
1.0
MHz
On Time
VIN = 5 V, VOUT = 2 V, TJ = 25°C
280
312
340
ns
Minimum On Time
VIN = 20 V
60
85
ns
Minimum Off Time
45% duty cycle (maximum)
340
400
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com