Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1883ARMZ-0.3-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADP1883ARMZ-0.3-R7
Description  Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1883ARMZ-0.3-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADP1883ARMZ-0.3-R7 Datasheet HTML 29Page - Analog Devices ADP1883ARMZ-0.3-R7 Datasheet HTML 30Page - Analog Devices ADP1883ARMZ-0.3-R7 Datasheet HTML 31Page - Analog Devices ADP1883ARMZ-0.3-R7 Datasheet HTML 32Page - Analog Devices ADP1883ARMZ-0.3-R7 Datasheet HTML 33Page - Analog Devices ADP1883ARMZ-0.3-R7 Datasheet HTML 34Page - Analog Devices ADP1883ARMZ-0.3-R7 Datasheet HTML 35Page - Analog Devices ADP1883ARMZ-0.3-R7 Datasheet HTML 36Page - Analog Devices ADP1883ARMZ-0.3-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
ADP1882/ADP1883
Rev. 0 | Page 33 of 40
LAYOUT CONSIDERATIONS
The performance of a dc-to-dc converter depends highly on how
the voltage and current paths are configured on the printed
circuit board (PCB). Optimizing the placement of sensitive
analog and power components are essential to minimize output
ripple, maintain tight regulation specifications, and reduce
PWM jitter and electromagnetic interference.
Figure 83 shows the schematic of a typical ADP1882/ADP1883
used for a high power application. Blue traces denote high current
pathways. VIN, PGND, and VOUT traces should be wide and
possibly replicated, descending down into the multiple layers.
Vias should populate, mainly around the positive and negative
terminals of the input and output capacitors, alongside the
source of Q1/Q2, the drain of Q3/Q4, and the inductor.
HIGH VOLTAGE INPUT
VIN = 12V
HIGH VOLTAGE INPUT
VDD = 5V
MURATA: (HIGH VOLTAGE INPUT CAPACITORS)
22µF, 25V, X7R, 1210 GRM32ER71E226KE15 L
PANASONIC: (OUTPUT CAPACITORS)
270µF SP-SERIES, 4V, 7m
Ω EEFUE0G271LR
INFINEON MOSFETs (NO CONNECTION FOR Q2/Q4:
BSC042N03MS G (LOWER SIDE)
BSC080N03MS G (UPPER SIDE)
WURTH INDUCTORS:
1µH, 3.3m
Ω, 20A 7443552100
R5
100k
Q3
Q4
Q1
Q2
C12
100nF
VOUT = 1.8V, 15A
C3
22µF
C4
22µF
C5
22µF
C6
22µF
C7
22µF
C8
N/A
C23
270µF
+
C24
270µF
+
C22
270µF
+
C21
270µF
+
C20
270µF
+
C14 TO C19
N/A
+
1.0µH
R6
2
C13
1.5nF
R1 18.75k
R2
15k
R4
0
VOUT
1
VIN
10
BST
2
COMP/EN
9
SW
3
FB
8
DRVH
4
GND
7
PGND
5
VDD
6
DRVL
ADP1882/
ADP1883
CC
700pF
CF
70pF
RC
38.1k
C1
1µF
C2
0.1µF
JP1
Figure 83. ADP1882 High Current Evaluation Board Schematic (Blue Traces Indicate High Current Paths)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com