Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7320 Datasheet(PDF) 21 Page - Analog Devices

Part # ADT7320
Description  짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7320 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADT7320 Datasheet HTML 16Page - Analog Devices ADT7320 Datasheet HTML 17Page - Analog Devices ADT7320 Datasheet HTML 18Page - Analog Devices ADT7320 Datasheet HTML 19Page - Analog Devices ADT7320 Datasheet HTML 20Page - Analog Devices ADT7320 Datasheet HTML 21Page - Analog Devices ADT7320 Datasheet HTML 22Page - Analog Devices ADT7320 Datasheet HTML 23Page - Analog Devices ADT7320 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Preliminary Technical Data
ADT7320
Rev. PrA | Page 21 of 24
INT AND CT OUTPUTS
The INT and CT pins are open drain outputs, and both pins
require a 10 kΩ pull-up resistor to VDD.
UNDERTEMPERATURE AND OVERTEMPERATURE
DETECTION
The INT and CT pins have two undertemperature/overtemperature
modes: comparator mode and interrupt mode. The interrupt
mode is the default power-up overtemperature mode. The INT
output pin becomes active when the temperature is greater than
the temperature stored in the THIGH setpoint register or less than
the temperature stored in the TLOW setpoint register. How this
pin reacts after this event depends on the overtemperature
mode selected.
Figure 20 illustrates the comparator and interrupt modes for
events exceeding the THIGH limit with both pin polarity settings.
Figure 21 illustrates the comparator and interrupt modes for
events exceeding the TLOW limit with both pin polarity settings.
Comparator Mode
In comparator mode, the INT pin returns to its inactive status
when the temperature drops below the THIGH − THYST limit or
rises above the TLOW + THYST limit.
Putting the ADT7320 into shutdown mode does not reset the
INT state in comparator mode.
Interrupt Mode
In interrupt mode, the INT pin goes inactive when any ADT7320
register is read. When the INT pin is reset, it goes active again
only when the temperature is greater than the temperature stored
in the THIGH setpoint register or less than the temperature stored
in the TLOW setpoint register.
Placing the ADT7320 into shutdown mode resets the INT pin
in interrupt mode.
TEMPERATURE
82°C
81°C
80°C
79°C
78°C
77°C
76°C
75°C
74°C
73°C
INT PIN
(COMPARATOR MODE)
POLARITY = ACTIVE LOW
INT PIN
(INTERRUPT MODE)
POLARITY = ACTIVE LOW
INT PIN
(INTERRUPT MODE)
POLARITY = ACTIVE HIGH
INT PIN
(COMPARATOR MODE)
POLARITY = ACTIVE HIGH
THIGH
THIGH –THYST
TIME
READ
READ
READ
Figure 20. INT Output Temperature Response Diagram for THIGH Overtemperature Events



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com