Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1883ARMZ-0.6-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP1883ARMZ-0.6-R7
Description  Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1883ARMZ-0.6-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP1883ARMZ-0.6-R7 Datasheet HTML 16Page - Analog Devices ADP1883ARMZ-0.6-R7 Datasheet HTML 17Page - Analog Devices ADP1883ARMZ-0.6-R7 Datasheet HTML 18Page - Analog Devices ADP1883ARMZ-0.6-R7 Datasheet HTML 19Page - Analog Devices ADP1883ARMZ-0.6-R7 Datasheet HTML 20Page - Analog Devices ADP1883ARMZ-0.6-R7 Datasheet HTML 21Page - Analog Devices ADP1883ARMZ-0.6-R7 Datasheet HTML 22Page - Analog Devices ADP1883ARMZ-0.6-R7 Datasheet HTML 23Page - Analog Devices ADP1883ARMZ-0.6-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
ADP1882/ADP1883
Rev. 0 | Page 20 of 40
PROGRAMMING RESISTOR (RES) DETECT CIRCUIT
Upon startup, one of the first blocks to become active is the RES
detect circuit. This block powers up before a soft start begins. It
forces a 0.4 V reference value at the DRVL output (see Figure 68)
and is programmed to identify four possible resistor values:
47 kΩ, 22 kΩ, open, and 100 kΩ.
DRVH
DRVL
Q1
SW
Q2
RES
ADP1882
CS GAIN
PROGRAMMING
Figure 68. Programming Resistor Location
The RES detect circuit digitizes the value of the resistor at the
DRVL pin (Pin 6). An internal ADC outputs a 2-bit digital code
that is used to program four separate gain configurations in the
current-sense amplifier (see Figure 69). Each configuration
corresponds to a current-sense gain (ACS) of 3 V/V, 6 V/V, 12 V/V,
and 24 V/V, respectively (see Table 5 and Table 6). This variable
is used for the valley current-limit setting, which sets up the
appropriate current-sense signal gain for a given application
and sets the compensation necessary to achieve loop stability
(see the Valley Current-Limit Setting and Compensation
Network sections).
SW
PGND
CS GAIN SET
CS
AMP
ADC
DRVL
RES
0.4V
Figure 69. RES Detect Circuit for Current-Sense Gain Programming
Table 5. Current-Sense Gain Programming
Resistor (kΩ)
ACS (V/V)
47
3.25
22
6.5
Open
26
100
13
VALLEY CURRENT-LIMIT SETTING
The architecture of the ADP1882/ADP1883 is based on valley
current-mode control. The current limit is determined by three
components: the RON of the lower-side MOSFET, the error ampli-
fier output voltage swing (COMP), and the current-sense gain.
The COMP range is internally fixed at 1.5 V. The current-sense
gain is programmable via an external resistor at the DRVL pin
(see the Programming Resistor (RES) Detect Circuit section).
The RON of the lower-side MOSFET can vary over temperature
and usually has a positive TC (meaning that it increases with
temperature); therefore, it is recommended that the current-
sense gain resistor be programmed based on the rated RON of
the MOSFET at 125°C.
Because the ADP1882/ADP1883 are based on valley current
control, the relationship between ICLIM and ILOAD is as follows:
ICLIM = ILOAD ×
2
1
I
K
where:
ICLIM is the desired valley current limit.
ILOAD is the current load.
KI is the ratio between the inductor ripple current and the
desired average load current (see Figure 10).
Establishing KI helps to determine the inductor value (see the
Inductor Selection section), but in most cases, KI = 0.33.
RIPPLE CURRENT =
ILOAD
3
LOAD CURRENT
VALLEY CURRENT LIMIT
Figure 70. Valley Current Limit to Average Current Relation
When the desired valley current limit (ICLIM) has been determined,
the current-sense gain can be calculated by using the following
expression:
ICLIM =
ON
CS
R
A ×
V
5
.
1
where:
ACS is the current-sense gain multiplier (see Table 5 and Table 6).
RON is the channel impedance of the lower-side MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com