Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VO0600T Datasheet(PDF) 9 Page - Vishay Siliconix

Part # VO0600T
Description  High Speed Optocoupler, 10 MBd, SOIC-8 Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO0600T Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button VO0600T Datasheet HTML 3Page - Vishay Siliconix VO0600T Datasheet HTML 4Page - Vishay Siliconix VO0600T Datasheet HTML 5Page - Vishay Siliconix VO0600T Datasheet HTML 6Page - Vishay Siliconix VO0600T Datasheet HTML 7Page - Vishay Siliconix VO0600T Datasheet HTML 8Page - Vishay Siliconix VO0600T Datasheet HTML 9Page - Vishay Siliconix VO0600T Datasheet HTML 10Page - Vishay Siliconix VO0600T Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Document Number: 84607
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.7, 06-Oct-08
921
VO0600T, VO0601T, VO0611T, VO0630T, VO0631T, VO0661T
High Speed Optocoupler,
10 MBd, SOIC-8 Package
Vishay Semiconductors
PACKAGE DIMENSIONS in inches (millimeters)
ESD CAUTION
This is an ESD (electro static discharge) sensitive device. Electrostatic charges accumulate on the human body and test
equipment and can discharge without detection. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality. ESD withstand voltage of this device is up to 1500 V acc. to JESD22-A114-B.
0.036 (0.91)
0.014 (0.36)
0.170 (4.32)
0.045 (1.14)
0.260 (6.6)
R 0.010 (0.13)
0.050 (1.27)
i178020-3
ISO method A
40 °
0.240
(6.10)
0.050 (1.27) typ.
0.016
(0.41)
0.004 (0.10)
0.008 (0.20)
Lead coplanarity
± 0.001 max.
0.008 (0.20)
7°
0.120 ± 0.002
(3.05 ± 0.05)
C
L
R 0.010
(0.25) max.
0.040 (1.02)
5° max.
Pin one ID
0.154 ± 0.002
(3.91 ± 0.05)
0.015 ± 0.002
(0.38 ± 0.05)
0.192 ± 0.002
(4.88 ± 0.05)
0.020 ± 0.004
(0.51 ± 0.10)
2 plcs.
0.0585 ± 0.002
(1.49 ± 0.05)
0.125 ± 0.002
(3.18 ± 0.05)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com