Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC6113 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPC6113
Description  Lithium Ion Battery Applications Power Management Switch Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6113 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPC6113 Datasheet HTML 1Page - Toshiba Semiconductor TPC6113 Datasheet HTML 2Page - Toshiba Semiconductor TPC6113 Datasheet HTML 3Page - Toshiba Semiconductor TPC6113 Datasheet HTML 4Page - Toshiba Semiconductor TPC6113 Datasheet HTML 5Page - Toshiba Semiconductor TPC6113 Datasheet HTML 6Page - Toshiba Semiconductor TPC6113 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPC6113
2009-12-26
1
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSⅥ)
TPC6113
Lithium Ion Battery Applications
Power Management Switch Applications
• Small footprint due to small and thin package
• Low drain-source ON-resistance: RDS (ON) = 38 mΩ (typ.)
( VGS = −4.5V)
• Low leakage current: IDSS = −10 μA (max) (VDS = −20 V)
• Enhancement mode: Vth = −0.5 to −1.2 V
(VDS = −10 V, ID = −0.2 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
−20
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
−20
V
Gate-source voltage
VGSS
±12
V
DC
(Note 1)
ID
−5
Drain current
Pulse
(Note 1)
IDP
−20
A
Drain power dissipation
(t
= 5 s)
(Note 2a)
PD
2.2
W
Drain power dissipation
(t
= 5 s)
(Note 2b)
PD
0.7
W
Single pulse avalanche energy (Note 3)
EAS
1.6
mJ
Avalanche current
IAR
−2.5
A
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability
Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e.
reliability test report and estimated failure rate, etc).
Thermal Characteristics
Circuit Configuration
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to ambient (t
= 5 s)
(Note 2a)
Rth (ch-a)
56.8
°C/W
Thermal resistance, channel to ambient (t
= 5 s)
(Note 2b)
Rth (ch-a)
178.5
°C/W
Note: (Note 1), (Note 2), (Note 3) : See other pages.
This transistor is an electrostatic-sensitive device. Please handle with caution.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-3T1A
Weight: 0.011 g (typ.)
6
4
1
2
3
5


Similar Part No. - TPC6113

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6113 TOSHIBA-TPC6113 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - TPC6113

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCT4201 TOSHIBA-TPCT4201 Datasheet
246Kb / 4P
LITHIUM ION BATTERY APPLICATIONS
TPCS8210 TOSHIBA-TPCS8210_07 Datasheet
197Kb / 7P
Lithium Ion Battery Applications
TPCS8212 TOSHIBA-TPCS8212_07 Datasheet
190Kb / 7P
Lithium Ion Battery Applications
TPCS8213 TOSHIBA-TPCS8213 Datasheet
208Kb / 7P
Lithium Ion Battery Applications
TPCS8214 TOSHIBA-TPCS8214 Datasheet
223Kb / 7P
Lithium Ion Battery Applications
TPC8125 TOSHIBA-TPC8125 Datasheet
227Kb / 7P
Lithium Ion Battery Applications Power Management Switch Applications
TPC8126 TOSHIBA-TPC8126 Datasheet
222Kb / 7P
Lithium Ion Battery Applications Power Management Switch Applications
TPCA8128 TOSHIBA-TPCA8128 Datasheet
247Kb / 7P
Lithium Ion Battery Applications Power Management Switch Applications
TPCS8214 TOSHIBA-TPCS8214_09 Datasheet
236Kb / 7P
Lithium Ion Battery Applications
TPCC8105 TOSHIBA-TPCC8105 Datasheet
225Kb / 7P
Lithium Ion Battery Applications Power Management Switch Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com