Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV611 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSV611
Description  Rail-to-rail input/output 10 μA, 120 kHz CMOS operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV611 Datasheet(HTML) 3 Page - STMicroelectronics

  TSV611 Datasheet HTML 1Page - STMicroelectronics TSV611 Datasheet HTML 2Page - STMicroelectronics TSV611 Datasheet HTML 3Page - STMicroelectronics TSV611 Datasheet HTML 4Page - STMicroelectronics TSV611 Datasheet HTML 5Page - STMicroelectronics TSV611 Datasheet HTML 6Page - STMicroelectronics TSV611 Datasheet HTML 7Page - STMicroelectronics TSV611 Datasheet HTML 8Page - STMicroelectronics TSV611 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TSV611, TSV611A, TSV612, TSV612A
Electrical characteristics
Doc ID 15768 Rev 2
3/19
2
Electrical characteristics
Table 3.
Electrical characteristics at VCC+ = +1.8 V
with VCC- = 0 V, Vicm = VCC/2, Tamb = 25° C, and RL connected to VCC/2
(unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Offset voltage
TSV61x
TSV61xA
4
0.8
mV
Tmin. < Top < Tmax. TSV61x
Tmin. < Top < TmaxTSV61xA
5
2
DVio
Input offset voltage drift
2
μV/°C
Iio
Input offset current
(Vout =Vcc/2)
110(1)
pA
Tmin. < Top < Tmax.
1
100
pA
Iib
Input bias current
(Vout =Vcc/2)
110(1)
pA
Tmin. < Top < Tmax.
1
100
pA
CMR
Common mode rejection
ratio 20 log (
ΔVic/ΔVio)
0 V to 1.8 V, Vout = 0.9 V
55
71
dB
Tmin. < Top < Tmax.
53
dB
Avd
Large signal voltage gain
RL = 10 kΩ, Vout = 0.5 V to
1.3 V
78
83
dB
Tmin. < Top < Tmax.
74
dB
VOH
High level output voltage
RL =10kΩ
Tmin. < Top < Tmax.
35
50
4
mV
VOL
Low level output voltage
RL =10kΩ
Tmin. < Top < Tmax.
735
50
mV
Iout
Isink
Vo = 1.8 V
Tmin. < Top < Tmax.
9
9
13
mA
Isource
Vo = 0 V
Tmin. < Top < Tmax.
8
8
10
ICC
Supply current (per
operator)
No load, Vout =Vcc/2
6.5
9
12
µA
Tmin. < Top < Tmax.
612.5
µA
AC performance
GBP
Gain bandwidth product
RL =10kΩ, CL = 20 pF
100
kHz
φm
Phase margin
RL =10kΩ, CL = 20 pF
60
Degrees
Gm
Gain margin
RL =10kΩ, CL =20pF
9.5
dB
SR
Slew rate
RL =10kΩ, CL =20pF,
Vout = 0.5V to 1.3V
0.03
V/
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com