Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV611A Datasheet(PDF) 17 Page - STMicroelectronics

Part # TSV611A
Description  Rail-to-rail input/output 10 μA, 120 kHz CMOS operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV611A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TSV611A Datasheet HTML 11Page - STMicroelectronics TSV611A Datasheet HTML 12Page - STMicroelectronics TSV611A Datasheet HTML 13Page - STMicroelectronics TSV611A Datasheet HTML 14Page - STMicroelectronics TSV611A Datasheet HTML 15Page - STMicroelectronics TSV611A Datasheet HTML 16Page - STMicroelectronics TSV611A Datasheet HTML 17Page - STMicroelectronics TSV611A Datasheet HTML 18Page - STMicroelectronics TSV611A Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
TSV611, TSV611A, TSV612, TSV612A
Ordering information
Doc ID 15768 Rev 2
17/19
5
Ordering information
Table 10.
Order codes
Order code
Temperature
range
Package
Packing
Marking
TSV611ILT
-40° C to 85° C
SOT23-5
Tape & reel
K12
TSV611AILT
K11
TSV611ICT
SC70-5
K12
TSV611AICT
K11
TSV612ID/DT
SO-8
Tube & tape & reel
V612I
TSV612AID/DT
V612AI
TSV612IST
MiniSO-8
Tape & reel
K113
TSV612AIST
K115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com