Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV6392ID/DT Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSV6392ID/DT
Description  MIcropower (60 關A), wide bandwidth (2.4 MHz) CMOS op-amps
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6392ID/DT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSV6392ID/DT Datasheet HTML 9Page - STMicroelectronics TSV6392ID/DT Datasheet HTML 10Page - STMicroelectronics TSV6392ID/DT Datasheet HTML 11Page - STMicroelectronics TSV6392ID/DT Datasheet HTML 12Page - STMicroelectronics TSV6392ID/DT Datasheet HTML 13Page - STMicroelectronics TSV6392ID/DT Datasheet HTML 14Page - STMicroelectronics TSV6392ID/DT Datasheet HTML 15Page - STMicroelectronics TSV6392ID/DT Datasheet HTML 16Page - STMicroelectronics TSV6392ID/DT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
TSV639x, TSV639xA
Application information
Doc ID 16883 Rev 1
13/25
4
Application information
4.1
Operating voltages
The TSV639x can operate from 1.5 to 5.5 V. Their parameters are fully specified for 1.8, 3.3
and 5 V power supplies. However, the parameters are very stable in the full VCC range and
several characterization curves show the TSV639x characteristics at 1.5 V. Additionally, the
main specifications are guaranteed in extended temperature ranges from -40° C to +125° C.
4.2
Rail-to-rail input
The TSV639x are built with two complementary PMOS and NMOS input differential pairs.
The devices have a rail-to-rail input, and the input common mode range is extended from
VCC-- 0.1 V to VCC+ + 0.1 V. The transition between the two pairs appears at VCC+ - 0.7 V. In
the transition region, the performance of CMR, SVR, Vio (Figure 19 and Figure 20) and THD
is slightly degraded.
The devices are guaranteed without phase reversal.
4.3
Rail-to-rail output
The operational amplifiers’ output levels can go close to the rails: 35 mV maximum above
and below the rail when connected to a 10 k
Ω resistive load to VCC/2.
4.4
Shutdown function (TSV6393 - TSV6395)
The operational amplifiers are enabled when the SHDN pin is pulled high. To disable the
amplifiers, the SHDN must be pulled down to VCC-. When in shutdown mode, the amplifiers’
output is in a high impedance state. The SHDN pin must never be left floating but tied to
VCC+ or VCC-.
Figure 19.
Input offset voltage vs input
common mode at VCC = 1.5 V
Figure 20.
Input offset voltage vs input
common mode at VCC = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com