Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF06-1005N12 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF06-1005N12
Description  6-line IPAD?? low capacitance EMI filter and ESD protection in Narrow Micro QFN package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-1005N12 Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF06-1005N12 Datasheet HTML 1Page - STMicroelectronics EMIF06-1005N12 Datasheet HTML 2Page - STMicroelectronics EMIF06-1005N12 Datasheet HTML 3Page - STMicroelectronics EMIF06-1005N12 Datasheet HTML 4Page - STMicroelectronics EMIF06-1005N12 Datasheet HTML 5Page - STMicroelectronics EMIF06-1005N12 Datasheet HTML 6Page - STMicroelectronics EMIF06-1005N12 Datasheet HTML 7Page - STMicroelectronics EMIF06-1005N12 Datasheet HTML 8Page - STMicroelectronics EMIF06-1005N12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Characteristics
EMIF06-1005N12
2/12
Doc ID 16959 Rev 1
1
Characteristics
Figure 3.
Electrical characteristics (definitions)
Table 1.
Absolute ratings (limiting values)
Symbol
Parameter and test conditions
Value
Unit
VPP
ESD discharge IEC 61000-4-2, level 4
air discharge
contact discharge
ESD-Machine Model :
(MM: C = 200 pF, R = 25
Ω L = 500 nH)
ESD-Charged Device Model:
(JESD22-C101D)
15
15
2
1
kV
Tj
Junction temperature at Tamb = 25 °C
125
°C
Top
Operating temperature range
- 40 to + 85
°C
Tstg
Storage temperature range
- 55 to + 150
°C
Table 2.
Electrical characteristics (Tamb = 25 °C)
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
6
8
10
V
VF
IF = 10 mA
0.5
1
1.5
V
IRM
VRM = 3 V per line
200
nA
RI/O
Tolerance ± 15%
85
100
115
Ω
Cline
Vline = 0 V, Vosc = 30 mV, F = 1 MHz
38
45
52
pF
I
V
IF
IRM
IR
IPP
VRM
VF
VBR
VCL
Symbol
Parameter
V
=
Breakdown voltage
I
=
Leakage current @ V
V
=
Stand-off voltage
I
=
Forward current
I
=
Peak pulse current
I
=
Breakdown current
V
=
Forward voltage drop
R
BR
RM
RM
RM
PP
R
F
V
=
Clamping voltage
CL
F
d
=
Dynamic impedance
I
=
Forward current
R
=
Series resistanc between input and output
C
=
Input capacitance per line
PP
I/O
line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com