Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMN6A09DN8TC Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZXMN6A09DN8TC
Description  DUAL 60V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMN6A09DN8TC Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZXMN6A09DN8TC Datasheet HTML 1Page - Zetex Semiconductors ZXMN6A09DN8TC Datasheet HTML 2Page - Zetex Semiconductors ZXMN6A09DN8TC Datasheet HTML 3Page - Zetex Semiconductors ZXMN6A09DN8TC Datasheet HTML 4Page - Zetex Semiconductors ZXMN6A09DN8TC Datasheet HTML 5Page - Zetex Semiconductors ZXMN6A09DN8TC Datasheet HTML 6Page - Zetex Semiconductors ZXMN6A09DN8TC Datasheet HTML 7Page - Zetex Semiconductors ZXMN6A09DN8TC Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PROVISIONAL ISSUE D - AUGUST 2001
ZXMN6A09DN8
5
0.1
1
10
0.01
0.1
1
10
0.1
1
10
0.01
0.1
1
10
23
45
0.1
1
10
-50
0
50
100
150
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
110
0.1
1
0.4
0.6
0.8
1.0
1.2
0.1
1
10
4V
5V
3.5V
2.5V
T = 25˚ C
3V
V
GS
V
DS
Drain-Source Voltage (V)
2V
2.5V
4V
5V
3V
T = 150˚ C
V
GS
3.5V
V
DS
Drain-Source Voltage (V)
V
DS
= 10V
T = 25˚ C
T = 150˚ C
V
GS
Gate-Source Voltage (V)
R
DS(on)
V
GS
= 10V
I
D
= 12A
V
GS(th)
V
GS
= V
DS
I
D
= 250uA
Tj Junction Temperature (˚ C)
10V
4V
5V
3.5V
T = 25˚ C
3V
V
GS
I
D
Drain Current (A)
T = 150˚ C
T = 25˚ C
V
SD
Source-Drain Voltage (V)
TYPICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com