Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXRE1004CF Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXRE1004CF
Description  SOT23 MICROPOWER (4uA) 1.22V VOLTAGE REFERENCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXRE1004CF Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXRE1004CF Datasheet HTML 1Page - Zetex Semiconductors ZXRE1004CF Datasheet HTML 2Page - Zetex Semiconductors ZXRE1004CF Datasheet HTML 3Page - Zetex Semiconductors ZXRE1004CF Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
TYPICAL CHARACTERISTICS
-40
-20
0
20
40
60
80
Temperature (°C)
Temperature Drift
1.19
1.20
1.21
1.22
1.23
1.24
1.25
0.01
0.1
1
10
100
Frequency (kHz)
Slope Resistance v Frequency
0.1
1
10
100

20mA
1mA
100
A
0
40
80
120
140
Time (
s)
Transient Response
0
0.5
1.5
1.0
10
0

10
A
20mA
0
10
2030
40506070
8090
100
Reference Current (
A)
Noise Voltage
0
10
20
30
40
50
60
70
80

100
10
1
0.1
0.01
0.001
Reference Current (mA)
Slope Resistance v Current
0
2
4
6
8
10
12
14

25°C
-40°C
0.1
1
10
100
1000
Forward Current (mA)
Forward Characteristics
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
85°C
ZXRE1004
ISSUE 2 - JUNE 1999



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com