Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXRE125CF Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXRE125CF
Description  SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXRE125CF Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXRE125CF Datasheet HTML 1Page - Zetex Semiconductors ZXRE125CF Datasheet HTML 2Page - Zetex Semiconductors ZXRE125CF Datasheet HTML 3Page - Zetex Semiconductors ZXRE125CF Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS
Reverse Current
30mA
Forward Current
10mA
Operating temperature.
-40 to 85°C
Storage temperature.
-55 to 125°C
Power Dissipation (Tamb=25°C)
SOT23
330mW
SO8
625mW
E-Line
500mW
2
ELECTRICAL CHARACTERISTICS
TEST CONDITIONS (Unless otherwise stated) Tamb=25°C
SYMBOL
PARAMETER
CONDITIONS
LIMITS
TOL. %
UNITS
MIN
TYP
MAX
VR
Reverse Breakdown Voltage
I
R=100µA
1.214
1.208
1.196
1.183
1.22
1.22
1.22
1.22
1.226
1.232
1.244
1.257
0.5 ‡
1
2
3
V
IMIN
Minimum Knee Current
30
µA
IR
Recommended Operating
Current Range
0.03
5
mA
TC †
Average Reverse Breakdown
Voltage Temperature
Coefficient
IR(min) to
IR(max)
20
90
ppm/°C
∆V
R
∆I
R
Reverse Breakdown Voltage
change with Current
IR=30µA to 1mA
IR=1mA to 5mA
1
10
mV
mV
ZR
Reverse Dynamic Impedance
IR =1mA
f =100Hz
IAC=0.1 IR
0.2
0.6
Ω
EN
Wideband Noise Voltage
IR=8µA to
100
µA
f=10Hz to 10kHz
60
µV(rms)
†
TC =
(V
R
(max )−VR ( min )) x 1000000
VR x (T(max )−T(min ))
Note: VR(max) - VR(min) is the
maximum deviation in reference
voltage measured over the full
operating temperature range.
‡ Note: 0.5% SOT23 only.
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Reverse Voltage (V)
Reverse Characteristics
0
1
2
3
4
5
TA=-40c TO +85C
ZXRE125
ISSUE 4 - JANUARY 2002



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com