Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9983A
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983A Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9983A Datasheet HTML 1Page - NXP Semiconductors TDA9983A Datasheet HTML 2Page - NXP Semiconductors TDA9983A Datasheet HTML 3Page - NXP Semiconductors TDA9983A Datasheet HTML 4Page - NXP Semiconductors TDA9983A Datasheet HTML 5Page - NXP Semiconductors TDA9983A Datasheet HTML 6Page - NXP Semiconductors TDA9983A Datasheet HTML 7Page - NXP Semiconductors TDA9983A Datasheet HTML 8Page - NXP Semiconductors TDA9983A Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TDA9983A_SDS_1
© NXP B.V. 2008. All rights reserved.
Product short data sheet
Rev. 01 — 13 March 2008
2 of 9
NXP Semiconductors
TDA9983A
150 MHz pixel rate HDMI transmitter
2.
Features
I 3 × 8-bit video data input bus, CMOS and LV-TTL compatible
I Horizontal synchronization, vertical synchronization and Data Enable (DE) inputs or
VREF, HREF and FREF could be used for input data synchronization
I Pixel rate clock input can be made active on one or both edges (selectable by I2C-bus)
I The TDA9983A has 4 I2S-bus audio input channels and 1 S/PDIF channel; audio
sampling rate up to 192 kHz
I 250 MHz to 1.50 GHz HDMI transmitter operation
I Programmable input formatter and upsampler/interpolator allows input of any of the
4:4:4, 4:2:2 semi-planar, 4:2:2 ITU656 and ITU656-like formats
I Programmable color space converter:
N RGB to YCBCR
N YCBCR to RGB
All upscaling modes are available only for YCBCR 4 : 2 : 2 input format.
(1) Pass through
(2) Upscaling
(3) Upscaling and interlacing
(4) Deinterlacing
(5) Deinterlacing and upscaling
(6) Deinterlacing, upscaling and interlacing
Fig 1.
Input and output video scaler
001aag258
720
1280
1920
720
1920
480p
720p
1080i
480i
1080p
×
×
×
×
×
2, 3
4
5
6, 7 (NTSC)
16
720
1280
1920
720
1920
576p
720p
1080i
576i
1080p
×
×
×
×
×
17, 18
19
20
21, 22 (PAL)
31
VIDEO STANDARD OUTPUT
FORMAT
861B
FORMAT
861B
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(2)
(2)
(3)
(3)
(1)
(1)
(6)
(6)
(5)
(5)
(4)
(4)
(1)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com