Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983B Datasheet(PDF) 79 Page - NXP Semiconductors

Part # TDA9983B
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983B Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button TDA9983B Datasheet HTML 75Page - NXP Semiconductors TDA9983B Datasheet HTML 76Page - NXP Semiconductors TDA9983B Datasheet HTML 77Page - NXP Semiconductors TDA9983B Datasheet HTML 78Page - NXP Semiconductors TDA9983B Datasheet HTML 79Page - NXP Semiconductors TDA9983B Datasheet HTML 80Page - NXP Semiconductors TDA9983B Datasheet HTML 81Page - NXP Semiconductors TDA9983B Datasheet HTML 82Page - NXP Semiconductors TDA9983B Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 119 page
background image
TDA9983B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 May 2008
79 of 119
NXP Semiconductors
TDA9983B
150 MHz pixel rate HDMI transmitter
9.6.5 MPEG source InfoFrame registers
Below is an example of use. Please refer to
EIA/CEA-861B specification and HDMI 1.2a
specification for the correct definition of data bytes.
9Bh
AUD_IF_BYTE24
7 to 0 AUD_IF_BYTE24[7:0]
R/W
00h*
byte 24: reserved (shall be zero)
9Ch
AUD_IF_BYTE25
7 to 0 AUD_IF_BYTE25[7:0]
R/W
00h*
byte 25: reserved (shall be zero)
9Dh
AUD_IF_BYTE26
7 to 0 AUD_IF_BYTE26[7:0]
R/W
00h*
byte 26: reserved (shall be zero)
9Eh
AUD_IF_BYTE27
7 to 0 AUD_IF_BYTE27[7:0]
R/W
00h*
byte 27: reserved (shall be zero)
Table 87.
AUD_IF_xx registers (address 80h to 9Eh) bit description …continued
Legend: * = default value
Address Register
Bit
Symbol
Access Value
Description
Table 88.
MPS_IF_xx registers (address A0h to BEh) bit description
Legend: * = default value
Address Register
Bit
Symbol
Access
Value
Description
A0h
MPS_IF_TYPE
7 to 0 MPS_IF_TYPE[7:0]
R/W
85h*
MPEG source InfoFrame packet
type: gives the packet type of the
MPEG source InfoFrame packet
(80h + InfoFrame type code as per
EIA/CEA-861B)
A1h
MPS_IF_VERSION
7 to 0 MPS_IF_VERSION[7:0]
R/W
00h*
MPEG source InfoFrame
version: gives the version number
of the MPEG source InfoFrame
A2h
MPS_IF_LENGTH
7 to 5 x
R/W
000*
reserved (shall be zero)
4 to 0 MPS_IF_LENGTH[4:0]
R/W
0 0000*
MPEG source InfoFrame length:
gives the number of data bytes for
the MPEG source InfoFrame; this
length does not include the
checksum
A3h
MPS_IF_
CHECKSUM
7 to 0 MPS_IF_
CHECKSUM[7:0]
R/W
00h*
MPEG source InfoFrame
checksum: shall be calculated
such that a byte-wide sum of all
three bytes of the packet header
and all valid bytes of the MPEG
source InfoFrame packet contents
(determined by InfoFrame length)
plus the checksum itself equals 0
MPEG source InfoFrame MPEG
bit rate (Hz)
A4h
MPS_IF_BYTE1
7 to 0 MPS_IF_MB0[7:0]
R/W
00h*
MB#0 (lower byte)
A5h
MPS_IF_BYTE2
7 to 0 MPS_IF_MB1[7:0]
R/W
00h*
MB#1 (medium byte)
A6h
MPS_IF_BYTE3
7 to 0 MPS_IF_MB2[7:0]
R/W
00h*
MB#2 (medium byte)
A7h
MPS_IF_BYTE4
7 to 0 MPS_IF_MB3[7:0]
R/W
00h*
MB#3 (upper byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com