Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZHCS2000 Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZHCS2000
Description  SINGLE CELL DC-DC CONVERTER SOLUTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZHCS2000 Datasheet(HTML) 7 Page - Zetex Semiconductors

Back Button ZHCS2000 Datasheet HTML 3Page - Zetex Semiconductors ZHCS2000 Datasheet HTML 4Page - Zetex Semiconductors ZHCS2000 Datasheet HTML 5Page - Zetex Semiconductors ZHCS2000 Datasheet HTML 6Page - Zetex Semiconductors ZHCS2000 Datasheet HTML 7Page - Zetex Semiconductors ZHCS2000 Datasheet HTML 8Page - Zetex Semiconductors ZHCS2000 Datasheet HTML 9Page - Zetex Semiconductors ZHCS2000 Datasheet HTML 10Page - Zetex Semiconductors ZHCS2000 Datasheet HTML 11Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ZXSC100
ISSUE 1 - JANUARY 2001
7
Low power solution, V
OUT=3.3V, PL=0.33W
Q1
ZXT14N20DX
R2
R1
L1
D1
ZHCS2000
R3
R4
C2
C1
3.3V/0.1A
BAS
EM
RE
VBATT
VCC
GND
FB
ISENSE
VDRIVE
U1
ZXSC100
C3
Materials list
Ref
Value
Part Number
Manufacturer
Comments
U1
N/A
ZXSC100X8
Zetex Plc
Single cell converter, MSOP8
Q1
20V, 13m
Ω,7A
ZXT14N20DX
Zetex Plc
Low VCE(sat) NPN, MSOP8
D1
0.5V, 2A
ZHCS2000
Zetex Plc
2A Shottky diode
R1
0
Ω*
Generic
Various
0805 Size
R2
33m
Generic
Various
0805 Size
R3
110k
Generic
Various
0805 Size
R4
30k
Generic
Various
0805 Size
C1
220µF
TPSD227M010R0100
AVX
Low ESR tantalum capacitor
C2
220µF
TPSD227M010R0100
AVX
Low ESR tantalum capacitor
C3
1nF
Generic
Various
0805 Size
L1
22µH
D01608C-223
D03316P-223
Coilcraft
Low profile SMT
* Note: Refer to External Transistor base drive selection in the Applications Section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com