Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSM552D Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FSM552D
Description  5-PHASE STEPPING SYSTEMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSM552D Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FSM552D Datasheet HTML 1Page - Sanyo Semicon Device FSM552D Datasheet HTML 2Page - Sanyo Semicon Device FSM552D Datasheet HTML 3Page - Sanyo Semicon Device FSM552D Datasheet HTML 4Page - Sanyo Semicon Device FSM552D Datasheet HTML 5Page - Sanyo Semicon Device FSM552D Datasheet HTML 6Page - Sanyo Semicon Device FSM552D Datasheet HTML 7Page - Sanyo Semicon Device FSM552D Datasheet HTML 8Page - Sanyo Semicon Device FSM552D Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1
Load
:JL:0.6×10
-4kg・m2(2050.3×10-4lb・in2
F series driver
24
6
8
10
Rise time
(ms)
0
200
400
600
800
1000
Reduced 10%
Current model
5-phase STEPPING SYSTEMS
F series DRIVER
F series MOTOR
M series MOTOR
Extensive lineup
Fseriesdriverfeatures
Lower vibration
1
Shoter cycle time
Improved responseup to 10%comparedtocurrent modelsshortens the machine cycle
time for repetitive operations.
2
Rotation-vibration characteristics
(Full-step)
0.01
0.1
110
Number of rotations
(S­1
Motor : 103F7851-7041
Power source voltage : 100V AC
Winding current : 0.75A/phase
0
0.2
0.4
0.6
0.8
1
(Vrms)
(Vrms)
Rotation-vibration characteristicsx
(1/ 250)
Current model
New model
0.01
0.1
1
10
Number of rotations
(S­1
Motor : 103F7851-7041
Power source voltage : 100V AC
Winding current : 0.75A/phase
0
0.2
0.4
0.6
0.8
1
0
50
100
150
200
250
300
350
01
23
4
5
6
Number of rotations
(S­1
Motor : 103F7852-8241
Power source voltage
:DC24V
Excitation method
:Half-step
0
50
100
150
200
250
300
350
01
23
4
5
6
Number of rotations
(S­1
Motor : 103F7852-8241
Power source voltage
:DC24V
Excitation method
:Half-step
0.72
1to250 divisions
0.72 to 0.00288degrees/pulse
AC input
DC input
AC input
DC input
Automicro function
Vibration suppression is executed internally and independently from the controller.
AC input
Automicrofunctionand microsteppingsystemenables furtherreduction of vibration
compared to current models.
Microstepping system
Thebasic step angleisdivided byamaximum of
1 / 250 using 16 selectable resolution levels to enable
smooth and vibration-free operation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com