Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSM554D Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # FSM554D
Description  5-PHASE STEPPING SYSTEMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSM554D Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button FSM554D Datasheet HTML 2Page - Sanyo Semicon Device FSM554D Datasheet HTML 3Page - Sanyo Semicon Device FSM554D Datasheet HTML 4Page - Sanyo Semicon Device FSM554D Datasheet HTML 5Page - Sanyo Semicon Device FSM554D Datasheet HTML 6Page - Sanyo Semicon Device FSM554D Datasheet HTML 7Page - Sanyo Semicon Device FSM554D Datasheet HTML 8Page - Sanyo Semicon Device FSM554D Datasheet HTML 9Page - Sanyo Semicon Device FSM554D Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
5
5-phase STEPPING SYSTEMS
System configuration
AC input
Brake power source
DC24V
Electromagnetic
brake model
Damper
End-cap side
Harmonic gear model
Low-backlash gear
model
Spur gear model
Standard type
Motor flange size
28
1.10inch
Motor flange size
42mm
1.65inch/ 60mm
2.35inch/ φ 86mmφ 3.39inch
Spur gear
Motor flange size
28mm
1.10inch/ 42mm
1.65inch/ 60mm2.35inch
/ φ86mm
φ3.39inch
Harmonic gear
Low backlash gear
Motor flange size
42mm
1.65inch/ 60mm
2.35inch/ φ86mmφ3.39inch
Electromagnetic brake
A
AC power cable
Optional cables
B
Motor cable
L +50 mm(
feet
.016
.000
L +50 mm(
feet
.016
.000
L +50 mm(
feet
.016
.000
C
I/O signal cable
Flange side
Magnetic dampers can be
selected accordingtothe
required inertia.
Standard model : F series motor
28mm
1.10inch/42mm1.65inch
/ 60mm
2.35inch/φ86mm
φ3.39inch
/φ106mm
φ4.17inch
CE / UL model : M series motor
42mm
1.65inch/60mm2.35inch
/φ86mmφ3.39inch
/φ106mmφ4.17inch
Motors are available in standard or vacuum
types.
Required for brake-equipped
stepping motor models.
Motor cableoptional
B
L:m
feet
Part number
10
32.81
PM-C03P1000-05
5
16.40
PM-C03P0500-05
3
9.84
PM-C03P0300-05
1
3.28
PM-C03P0100-05
Leadwire
600V vinyl cab tire cable
3-core AWG16
1.25mm2
Housing
1-178128-2
AMP
Contact
1-175218-5
AMP
Round-type crimp contact 1.25M4
J.S.T. Mfg Co.
Connector type
Housing
Contact
Applicable motor flange size
AC power connector
1-178128-2
AMP
1-175218-5
AMP
Motor connector
1-178128-6
AMP
1-175216-5
AMP
28mm
1.10inch, 42mm1.65inch
1-178128-6
AMP
1-175217-5
AMP
60mm
2.35inch, φ 86mmφ 3.39inch
1-178128-6
AMP
1-175218-5
AMP
φ 106mm
φ 4.17inch
I/Osignalconnector
10314-52A0-008
3M
10114-3000PE
3M
Bundled connectorssetmodelsonly
1
2
3
Cables 10m32.81 feetor longer are available
upon request.
L:m
feet
Part number
10
32.81
PM-C06M1000-11
5
16.40
PM-C06M0500-11
3
9.84
PM-C06M0300-11
1
3.28
PM-C06M0100-11
L:m
feet
Part number
2
6.56
PM-C14S0200-03
1
3.28
PM-C14S0100-03
Cables 10m32.81 feetor longer are available
upon request.
Leadwire
600V vinyl cab tire cable
6-core AWG16
0.75mm2
Housing
1-178128-6
AMP
Contact
1-175218-5
AMP
Leadwire
7-pair PVCshieldedcable
AWG28
0.08mm2
Shell
10314-52A0-008
3M
Plug
10114-3000PE
3M



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com