Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXT14P12DXTC Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXT14P12DXTC
Description  12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXT14P12DXTC Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXT14P12DXTC Datasheet HTML 1Page - Zetex Semiconductors ZXT14P12DXTC Datasheet HTML 2Page - Zetex Semiconductors ZXT14P12DXTC Datasheet HTML 3Page - Zetex Semiconductors ZXT14P12DXTC Datasheet HTML 4Page - Zetex Semiconductors ZXT14P12DXTC Datasheet HTML 5Page - Zetex Semiconductors ZXT14P12DXTC Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ISSUE 1 - MARCH 2000
ZXT14P12DX
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
-20
-36
V
IC=-100 A
Collector-Emitter Breakdown
Voltage
V(BR)CEO
-12
-25
V
IC=-10mA*
Emitter-Base Breakdown Voltage
V(BR)EBO
-7.5
-8.5
V
IE=-100 A
Collector Cut-Off Current
ICBO
-100
nA
VCB=-16V
Emitter Cut-Off Current
IEBO
-100
nA
VEB=-6V
Collector Emitter Cut-Off Current
ICES
-100
nA
VCES=-16V
Collector-Emitter Saturation
Voltage
VCE(sat)
-3
-40
-20
-125
-95
-5
-50
-30
-165
-115
mV
mV
mV
mV
mV
IC=-0.1A, IB=-10mA*
IC=-1A, IB=-10mA*
IC=-1A, IB=-50mA*
IC=-6A, IB=-60mA*
IC=-6A, IB=-300mA*
Base-Emitter Saturation Voltage
VBE(sat)
-0.9
V
IC=-6A, IB=-60mA*
Base-Emitter Turn-On Voltage
VBE(on)
-0.85
V
IC=-6A, VCE=-2V*
Static Forward Current Transfer
Ratio
hFE
300
300
250
75
500
450
400
150
900
IC=-10mA, VCE=-2V*
IC=-1A, VCE=-2V*
IC=-6A, VCE=-2V*
IC=-20A, VCE=-2V*
Transition Frequency
fT
110
MHz
IC=-300mA, VCE=-10V
f=30MHz
Output Capacitance
Cobo
205
pF
VCB=-10V, f=1MHz
Turn-On Time
t(on)
158
ns
VCC=-6V, IC=-6A
IB1=IB2=-150mA
Turn-Off Time
t(off)
190
ns
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com