Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC6004 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPC6004
Description  Notebook PC Applications Portable Equipment Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6004 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPC6004 Datasheet HTML 1Page - Toshiba Semiconductor TPC6004 Datasheet HTML 2Page - Toshiba Semiconductor TPC6004 Datasheet HTML 3Page - Toshiba Semiconductor TPC6004 Datasheet HTML 4Page - Toshiba Semiconductor TPC6004 Datasheet HTML 5Page - Toshiba Semiconductor TPC6004 Datasheet HTML 6Page - Toshiba Semiconductor TPC6004 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPC6004
2007-01-15
4
Drain-source voltage VDS (V)
ID – VDS
Drain-source voltage VDS (V)
ID – VDS
Gate-source voltage VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
Drain current ID (A)
|Yfs| – ID
Drain current ID (A)
RDS (ON) – ID
2
6
8
0
0.1
0.2
0.3
0.4
0.5
1.3
VGS = 1.2 V
1.4
1.8
10
0
1
2
3
4
5
Common source
Ta
= 25°C
Pulse test
1.5
4
1.6
01
23
4
5
Common source
Ta
= 25°C Pulse test
1.4
1.6
1.3
VGS = 1.2 V
1.5
4
6, 8, 10
0
2
4
6
8
10
2
1.8
1.7
10
02
46
8
Common source
Ta
= 25°C
Pulse test
1.5 A
0
0.1
0.2
0.3
0.4
0.5
3 A
ID = 6 A
1
3
10
30
100
0.1
0.3
1
3
30
100
10
Common source
Ta = 25°C
Pulse test
VGS = 2 V
2.5 V
4.5 V
1
3
5
10
30
50
1
3
5
30
50
100
100
10
Common source
VDS = 10 V
Pulse test
100°C
25°C
Ta
= −55°C
100°C
0
2
4
6
8
12
0
2
3
4
5
Ta
= −55°C
25°C
Common source
VDS = 10 V
Pulse test
1
10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com