Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R01M Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT48R01M
Description  1.5V Battery 8-Bit OTP MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R01M Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT48R01M Datasheet HTML 27Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 28Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 29Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 30Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 31Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 32Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 33Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 34Page - Holtek Semiconductor Inc HT48R01M Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 69 page
background image
HT46R01M/HT46R02M/HT48R01M/HT48R02M
Rev. 1.10
31
March 8, 2010
T 0 O N
P r e l o a d R e g i s t e r
U p C o u n t e r
D a t a B u s
P F D 0
2
¸
T C 0
T 0 E G
M o d e C o n t r o l
T i m e r 0 I n t e r n a l C l o c k
( f T 0 C K )
O v e r f l o w
t o I n t e r r u p t
T 0 M 1 , T 0 M 0
T 0 O V
8-bit Timer/Event Counter 0 Structure
f S Y S / 4
L X T O s c i l l a t o r
M
U
X
T 1 S
T 1 O N
P r e l o a d R e g i s t e r
U p C o u n t e r
D a t a B u s
P F D 1
2
¸
T C 1
T 1 E G
M o d e C o n t r o l
O v e r f l o w
t o I n t e r r u p t
T 1 M 1 , T 1 M 0
T 1 O V
8-bit Timer/Event Counter 1 Structure
Note: If PWM0/PWM1 is enabled, then fTP comes from fSYS (ignore T0S)
P W M C o n t r o l
M U X
f T P
f S Y S
f L X T
T i m e r P r e s c a l e r
0
1
T 0 S
T 0 P S C [ 2 : 0 ]
7 S t a g e C o u n t e r
T i m e - B a s e C o n t r o l
P W M 0
T i m e - B a s e e v e n t i n t e r r u p t P e r i o d
T P
f
1
1 3
1 0
*
( 2
~ 2
)
T o T i m e r 0 i n t e r n a l c l o c k
( f T 0 C K = f T P ~ f T P / 1 2 8 )
8 - 1 M U X
7
P W M C 0
Clock Structure for Timer/PWM/Time Base
M U X
P F D o u t p u t
P F D 0
0
1
P F D 1
P F D C S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com