Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT68F03M Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT68F03M
Description  1.5V Battery Flash Type 8-Bit MCU with EEPROM & DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F03M Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT68F03M Datasheet HTML 3Page - Holtek Semiconductor Inc HT68F03M Datasheet HTML 4Page - Holtek Semiconductor Inc HT68F03M Datasheet HTML 5Page - Holtek Semiconductor Inc HT68F03M Datasheet HTML 6Page - Holtek Semiconductor Inc HT68F03M Datasheet HTML 7Page - Holtek Semiconductor Inc HT68F03M Datasheet HTML 8Page - Holtek Semiconductor Inc HT68F03M Datasheet HTML 9Page - Holtek Semiconductor Inc HT68F03M Datasheet HTML 10Page - Holtek Semiconductor Inc HT68F03M Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
HT68F03M/HT68F04M/HT66F03M/HT66F04M
Rev. 1.10
7
May 24, 2010
Functional Description
As these device packages contain multiple internal chips,
for a detailed functional description, users must refer to
the relevant individual datasheets for both the MCU and
the DC-DC Converter. The following table shows which
individual devices are inside each package.
Device
MCU
DC-DC Converter
HT68F03M
HT68F03
HT7730
HT68F04M
HT68F04
HT7730
HT66F03M
HT66F03
HT7730
HT66F04M
HT66F04
HT7730
Multi-chip Internal Devices
Although most of the functional description material will
be located in the individual datasheets, there are some
special considerations which need to be taken into ac-
count when using multi-chip devices. These points will
be mentioned in the hardware and software consider-
ation sections.
Multi-chip Hardware Considerations
As these single-package multi-chip devices are com-
posed of an individual MCU and DC-DC converter
chips, using them together requires the user to take care
of some special points.
· Absolute Maximum Ratings
The Absolute Maximum Ratings for the two individual
chips must be checked for discrepancies and the nec-
essary care taken in device handling and usage.
· Power Supply
Examination of the block diagram will reveal that the
DC-DC Converter Ground pin, GND, has no internal
connection to the MCU Ground pin, VSS. For this rea-
son these two pins must be connected externally. The
DC-DC Converter output pin, VOUT is also not con-
nected to the MCU power supply pin, VDD, so these
two pins should also be connected together exter-
nally. If the DC-DC Converter is used to power the
MCU, then the MCU will always have a power supply
of 3V, so care must be taken to only consult the MCU
characteristics specified at this power supply voltage.
If required, the MCU can be supplied directly on its
VDD pin by an external power source if the DC-DC
converter is not used.
When calculating the total current consumption of the
device, the internal DC specifications of the two inter-
nal chips must be consulted and the individual cur-
rents added together.
As the MCU power supply may be supplied by the
DC-DC Converter it is important to note that if the
MCU is powered down or placed into a low power
mode to conserve power, that the DC-DC Converter
will continue running and will consume a certain
amount of power. The DC-DC Converter can of
course be powered down by pulling its CE pin low,
however as its output voltage falls toward zero, the
MCU will experience a reset. The CE pin must there-
fore be held low for sufficient time to allow the VOUT
voltage to fall to a level where the MCU will be prop-
erly reset before being powered up again.
Multi-chip Programming Considerations
As there are no internal signal connections between the
two internal chips there are no real programming con-
siderations for these devices. It is only necessary to
realise that if the MCU is switched into any of its low
power modes or executes the HALT instruction by the
application program to reduce power consumption, that
the DC-DC Converter will continue operating and there-
fore contribute to the overall power consumption. The
DC-DC Converter can only be powered-down manually
using its CE pin and if this is done the MCU will be reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com