Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT68F04M Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT68F04M
Description  1.5V Battery Flash Type 8-Bit MCU with EEPROM & DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F04M Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT68F04M Datasheet HTML 2Page - Holtek Semiconductor Inc HT68F04M Datasheet HTML 3Page - Holtek Semiconductor Inc HT68F04M Datasheet HTML 4Page - Holtek Semiconductor Inc HT68F04M Datasheet HTML 5Page - Holtek Semiconductor Inc HT68F04M Datasheet HTML 6Page - Holtek Semiconductor Inc HT68F04M Datasheet HTML 7Page - Holtek Semiconductor Inc HT68F04M Datasheet HTML 8Page - Holtek Semiconductor Inc HT68F04M Datasheet HTML 9Page - Holtek Semiconductor Inc HT68F04M Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
HT66F04M
Pin Name
Function
OP
I/T
O/T
Pin-Shared Mapping
PA0~PA7
Port A
PAWU
PAPU
ST
CMOS
¾
AN0~AN3
A/D converter input
ACERL
AN
¾
PA0~PA3
VREF
A/D converter reference input
ADCR1
AN
¾
PA1
C-
Comparator input
CPC
AN
¾
PA1
C+
Comparator input
AN
¾
PA0
CX
Comparator output
¾
CMOS
PA2
TCK0
TM0 input
PRM
ST
¾
PA4, PA6 or PA7
TCK1
TM1 input
PRM
ST
¾
PA3 or PA7
TCK2
TM2 input
PRM
ST
¾
PA3, PA5 or PA2
TP0
TM0 I/O
PRM
ST
CMOS
PA3, PA5 or PA2
TP1
TM1 I/O
PRM
ST
CMOS
PA4, PA6 or PA7
TP2A
TM2 I/O
PRM
ST
CMOS
PA6, PA1 or PA7
TP2B
TM2 I/O
PRM
ST
CMOS
PA5, PA0 or PA2
INT
External interrupt
¾
ST
¾
PA3 or PA7
OSC1
HXT/ERC/LXT pin
CO
HXT/LXT
¾
PA6
OSC2
HXT/LXT pin
CO
¾
HXT/LXT PA5
RES
Reset input
CO
ST
¾
PA7
VDD
MCU power supply
¾
PWR
¾¾
AVDD
A/D converter power supply *
¾
PWR
¾¾
VSS
MCU ground
¾
PWR
¾¾
AVSS
A/D converter ground **
PWR
¾¾
LX
Switching input pin
¾
PWR
¾¾
VOUT
DC-DC converter output pin
¾
PWR
¾¾
CE
DC-DC converter chip enable, active high
¾
NS
¾¾
GND
Ground
¾
PWR
¾¾
NC
Not connected
¾¾¾
¾
Note:
I/T: Input type
O/T: Output type
OP: Optional by configuration option (CO) or register option
PWR: Power
CO: Configuration option
ST: Schmitt Trigger input
NS: non-standard input
CMOS: CMOS output
NMOS: NMOS output
SCOM: Software controlled LCD COM
AN: Analog input pin
HXT: High frequency crystal oscillator
LXT: Low frequency crystal oscillator
*: VDD is the device power supply while AVDD is the ADC power supply. The AVDD pin is bonded together in-
ternally with VDD.
**: VSS is the device ground pin while AVSS is the ADC ground pin. The AVSS pin is bonded together internally
with VSS.
HT68F03M/HT68F04M/HT66F03M/HT66F04M
Rev. 1.10
6
May 24, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com