Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F03M Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT66F03M
Description  1.5V Battery Flash Type 8-Bit MCU with EEPROM & DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F03M Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT66F03M Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F03M Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F03M Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F03M Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F03M Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F03M Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F03M Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F03M Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F03M Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Application Circuits
HT68F03M/HT68F04M Application Circuit
Note:
²*² Recommended component for added ESD protection.
²**² Recommended component in environments where power line noise is significant.
HT68F03M/HT68F04M/HT66F03M/HT66F04M
Rev. 1.10
8
May 24, 2010
O S C 1
O S C 2
O S C
C i r c u i t
S e e O s c i l l a t o r
S e c t i o n
R E S
V D D
V S S
0 . 1 m F
R e s e t
C i r c u i t
0 . 1 ~ 1 m F
1 0 k W ~
1 0 0 k W
3 0 0 W *
0 . 0 1 m F * *
1 N 4 1 4 8 *
V I N
V O U T
L X
G N D
C E
P A 0
P A 1
P A 2
P A 3
P A 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com