Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R065 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT48R065
Description  Enhanced I/O Type 8-Bit OTP MCU
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R065 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT48R065 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48R065 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R065 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R065 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R065 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R065 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R065 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R065 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R065 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
HT48R063/064/065/066/0662/067
Enhanced I/O Type 8-Bit OTP MCU
Rev. 1.30
1
June 11, 2010
General Description
The Enhanced I/O MCUs are a series of 8-bit high per-
formance, RISC architecture microcontrollers specifi-
cally designed for a wide range of applications. The
usual Holtek microcontroller features of low power con-
sumption, I/O flexibility, timer functions, oscillator op-
tions, power down and wake-up functions, watchdog
timer and low voltage reset, combine to provide devices
with a huge range of functional options while still main-
taining a high level of cost effectiveness. The fully inte-
grated system oscillator HIRC, which requires no
external components and which has three frequency
selections, opens up a huge range of new application
possibilities for these devices, some of which may in-
clude industrial control, consumer products, household
appliances subsystem controllers, etc.
Features
CPU Features
· Operating voltage:
fSYS= 4MHz: 2.2V~5.5V
fSYS= 8MHz: 3.0V~5.5V
fSYS= 12MHz: 4.5V~5.5V
· Up to 0.33ms instruction cycle with 12MHz system
clock at VDD=5V
· Idle/Sleep mode and wake-up functions to reduce
power consumption
· Oscillator types:
External high freuency Crystal -- HXT
External RC -- ERC
Internal high frequency RC -- HIRC
External low frequency crystal -- LXT
· Four operational modes: Normal, Slow, Idle, Sleep
· Fully integrated internal 4MHz, 8MHz and 12MHz
oscillator requires no external components
· Watchdog Timer function
· LIRC oscillator function for watchdog timer
· All instructions executed in one or two instruction
cycles
· Table read instructions
· 63 powerful instructions
· Up to 8-level subroutine nesting
· Bit manipulation instruction
· Low voltage reset function
· Wide range of available package types
Peripheral Features
· Up to 42 bidirectional I/O lines
· Software controlled 4-SCOM lines LCD COM driver
with 1/2 bias
· External interrupt input shared with an I/O line
· Up to three 8-bit programmable Timer/Event
Counter with overflow interrupt and prescaler
· Time-Base function
· Programmable Frequency Divider - PFD
· Up to 3 channel 8-bit PWM
Technical Document
· Application Note
- HA0075E MCU Reset and Oscillator Circuits Application Note


Similar Part No. - HT48R065

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R065 HOLTEK-HT48R065 Datasheet
539Kb / 93P
Enhanced I/O Type 8-Bit OTP MCU
June 9, 2009
HT48R065B HOLTEK-HT48R065B Datasheet
483Kb / 84P
Enhanced I/O Type 8-Bit OTP MCU
HT48R065B HOLTEK-HT48R065B_12 Datasheet
563Kb / 86P
Enhanced I/O Type 8-Bit OTP MCU
October 23, 2012
HT48R065D HOLTEK-HT48R065D Datasheet
557Kb / 100P
Enhanced I/O Type MCU with High Current LED Driver
HT48R065G HOLTEK-HT48R065G Datasheet
731Kb / 126P
Enhanced I/O Type MCU with OPA
More results

Similar Description - HT48R065

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
I/O Type 8-Bit OTP MCU
September 27, 2006
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
Enhanced I/O Type 8-Bit OTP MCU
June 9, 2009
HT48R066G HOLTEK-HT48R066G Datasheet
510Kb / 88P
Enhanced I/O Type 8-bit OTP MCU with OPA
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
I/O Type 8-Bit OTP MCU
HT48R068B HOLTEK-HT48R068B Datasheet
7Mb / 121P
Enhanced I/O Type 8-bit OTP MCU
HT48R063B HOLTEK-HT48R063B Datasheet
483Kb / 84P
Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_12 Datasheet
621Kb / 96P
Enhanced I/O Type 8-Bit OTP MCU
October 23, 2012
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
Enhanced I/O Type 8-Bit OTP MCU
October 23, 2012
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
Enhanced I/O Type 8-Bit OTP MCU
June 3, 2013
HT48R068B HOLTEK-HT48R068B_15 Datasheet
4Mb / 118P
Enhanced I/O 8-Bit OTP MCU
February 05, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com