Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT56R22 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT56R22
Description  TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R22 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT56R22 Datasheet HTML 1Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 2Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 3Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 4Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 5Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 6Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 7Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 8Page - Holtek Semiconductor Inc HT56R22 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 131 page
background image
Pin Description
HT56R22
Pin Name
Function
OPT
I/T
O/T
Description
PA0/AN0
PA0
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
AN0
ADCR
AN
¾
A/D channel 0
PA1/AN1
PA1
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
AN1
ADCR
AN
¾
A/D channel 1
PA2/AN2
PA2
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
AN2
ADCR
AN
¾
A/D channel 2
PA3/PFD/AN3
PA3
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
PFD
CO
PINMAP
ST
¾
PFD output
AN3
ADCR
AN
¾
A/D channel 3
PA4/INT0/AN4/VDDIO
PA4
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
INT0
PINMAP
ST
¾
External interrupt 0 input
AN4
ADCR
AN
¾
A/D channel 4
VDDIO
CO
PWR
¾
VDDIO power input
PA5/TC0/SDO1/AN5
PA5
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
TC0
PINMAP
ST
¾
External Timer 0 clock input
SDO1
CO
SPICTL0
¾
CMOS
SPI1 serial data output
AN5
ADCR
AN
¾
A/D channel 5
PA6/INT1/SDI1/AN6
PA6
PAPU
PAWK
ST
CMOS
General purpose I/O. Register enabled pull-up and wake-up.
INT1
PINMAP
ST
¾
External interrupt 1 input
SDI1
CO
SPICTL0
¾
CMOS
SPI1 serial data input
AN6
ADCR
AN
¾
A/D channel 6
PA7/TC1/SCK1/AN7
PA7
PAWK
ST
CMOS
General purpose I/O. Register enabled wake-up.
TC1
PINMAP
ST
¾
External Timer 1 clock input
SCK1
CO
SPICTL0
ST
CMOS
SPI1 serial clock input or output
AN7
ADCR
AN
¾
A/D channel 7
PB0/SCK0/SCL/SCOM0
PB0
PBPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
SCK0
CO
SIMCTL0
ST
CMOS
SPI1 serial clock input or output
SCL
CO
SIMCTL0
ST
¾
I
2C serial clock input
SCOM0
SCOMC
¾
SCOM
Software controlled 1/2 bias LCD COM
HT56R22/HT56R23/HT56R24/HT56R25/HT56R26
Rev. 1.00
5
March 11, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com