Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66FB40 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT66FB40
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM & USB Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FB40 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT66FB40 Datasheet HTML 18Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 19Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 20Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 21Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 22Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 23Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 24Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 25Page - Holtek Semiconductor Inc HT66FB40 Datasheet HTML 26Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
52-pin QFP (14mm
´14mm) Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.681
¾
0.689
B
0.547
¾
0.555
C
0.681
¾
0.689
D
0.547
¾
0.555
E
¾
0.039
¾
F
¾
0.016
¾
G
0.098
¾
0.122
H
¾¾
0.134
I
¾
0.004
¾
J
0.029
¾
0.041
K
0.004
¾
0.008
L
¾
0.004
¾
a
0
°¾
7
°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
17.30
¾
17.50
B
13.90
¾
14.10
C
17.30
¾
17.50
D
13.90
¾
14.10
E
¾
1.00
¾
F
¾
0.40
¾
G
2.50
¾
3.10
H
¾¾
3.40
I
¾
0.10
¾
J
0.73
¾
1.03
K
0.10
¾
0.20
a
0
°¾
7
°
HT66FB30/HT66FB40/HT66FB50/HT66FB60
Rev. 1.10
22
June 4, 2010
3 9
4 0
5 2
1
2 7
1 3
A
B
C
D
1 4
2 6
E
F
G
H
I
J
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com