Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82M75R Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT82M75R
Description  I/O Type 8-Bit OTP MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M75R Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT82M75R Datasheet HTML 19Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 20Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 21Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 22Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 23Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 24Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 25Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 26Page - Holtek Semiconductor Inc HT82M75R Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
HT82M75R/HT82M75RE
HT82K75R/HT82K75RE
Rev. 1.10
23
June 11, 2010
Timer/Event Counter Interrupt
For a Timer/Event Counter interrupt to occur, the global
interrupt enable bit, EMI, and its corresponding timer in-
terrupt enable bit, ETI, must first be set. An actual
Timer/Event Counter interrupt will take place when the
Timer/Event Counter request flag, TF, is set, a situation
that will occur when the Timer/Event Counter overflows.
When the interrupt is enabled, the stack is not full and a
Timer/Event Counter overflow occurs, a subroutine call
to the timer interrupt vector at location 08H, will take
place. When the interrupt is serviced, the timer interrupt
request flag, TF, will be automatically reset and the EMI
bit will be automatically cleared to disable other inter-
rupts.
Programming Considerations
By disabling the interrupt enable bit, the requested inter-
rupt can be prevented from being serviced, however,
once an interrupt request flag is set, it will remain in this
condition in the interrupt control register until the corre-
sponding interrupt is serviced or until the request flag is
cleared by a software instruction.
It is recommended that programs do not use the
²CALL
subroutine
² instruction within the interrupt subroutine.
Interrupts often occur in an unpredictable manner or
need to be serviced immediately in some applications. If
only one stack is left and the interrupt is not well con-
trolled, the original control sequence will be damaged
once a
²CALL subroutine² is executed in the interrupt
subroutine.
All of these interrupts have the capability of waking up
the processor when in the Power Down Mode.
Only the Program Counter is pushed onto the stack. If
the contents of the accumulator or status register are al-
tered by the interrupt service program, which may cor-
rupt the desired control sequence, then the contents
should be saved in advance.
A u t o m a t i c a l l y C l e a r e d b y I S R
M a n u a l l y S e t o r C l e a r e d b y S o f t w a r e
T i m e r / E v e n t C o u n t e r O v e r f l o w
I n t e r r u p t R e q u e s t F l a g T F
E S I I
E T 0 I
P r i o r i t y
I n t e r r u p t
P o l l i n g
H i g h
L o w
A u t o m a t i c a l l y D i s a b l e d b y I S R
C a n b e E n a b l e d M a n u a l l y
S e r i a l I n t e r f a c e I n t e r r u p t
R e q u e s t F l a g S I F
E x t e r n a l I n t e r r u p t
R e q u e s t F l a g E I F
E E I
Interrupt Structure
I N T C R e g i s t e r
b 7
b 0
E T I
E M I
T F
E I F
S I F
E E I
E S I I
M a s t e r I n t e r r u p t G l o b a l E n a b l e
1 : g l o b a l e n a b l e
0 : g l o b a l d i s a b l e
C o n t r o l S e r i a l i n t e r f a c e i n t e r r u p t
1 : e n a b l e
0 : d i s a b l e
T i m e r / E v e n t C o u n t e r I n t e r r u p t E n a b l e
1 : e n a b l e
0 : d i s a b l e
C o n t r o l T h e e x t e r n a l I n t e r r u p t
1 : e n a b l e
0 : d i s a b l e
S e r i a l I n t e r f a c e I n t e r r u p t R e q u e s t F l a g
1 : a c t i v e
0 : i n a c t i v e
T i m e r / E v e n t C o u n t e r I n t e r r u p t R e q u e s t F l a g
1 : a c t i v e
0 : i n a c t i v e
E x t e r n a l I n t e r r u p t R e q u i t F l a g
1 : a c t i v e
0 : i n a c t i v e
N o i m p l e m e n t e d , r e a d a s " 0 "
Interrupt Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com