Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT83F40 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT83F40
Description  Flash Type Voice OTP MCU
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F40 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT83F40 Datasheet HTML 13Page - Holtek Semiconductor Inc HT83F40 Datasheet HTML 14Page - Holtek Semiconductor Inc HT83F40 Datasheet HTML 15Page - Holtek Semiconductor Inc HT83F40 Datasheet HTML 16Page - Holtek Semiconductor Inc HT83F40 Datasheet HTML 17Page - Holtek Semiconductor Inc HT83F40 Datasheet HTML 18Page - Holtek Semiconductor Inc HT83F40 Datasheet HTML 19Page - Holtek Semiconductor Inc HT83F40 Datasheet HTML 20Page - Holtek Semiconductor Inc HT83F40 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 62 page
background image
HT83FXX
Rev. 1.30
17
June 7, 2010
WRITE
The
²WRITE² instruction is used to write a page byte of
data into the Flash Data Memory. To instigate a WRITE
instruction, the CS bit should be set low, then the in-
struction code
²02², all transmitted via the SI bit. For this
device, The address information should then follow with
the MSB bit being transmitted first. After the last address
bit, A0, has been transmitted, the data can be immedi-
ately transmitted MSB first. After all the WRITE instruc-
tion code, address and data have been transmitted, the
data will be written into the Flash Data Memory when the
CS bit is set to high. The Flash Data Memory does this
by executing an internal write-cycle, which will first
erase and then write the previously transmitted data
byte into the Flash Data Memory. This process takes
place internally using the Flash Data Memory
¢s own in-
ternal clock and does not require any action from the
SCK clock. No further instructions can be accepted by
the Flash Data Memory until this internal write-cycle has
finished.
ERAL
The
²ERAL² instruction is used to erase the whole con-
tents of the Flash Data Memory. After it has been exe-
cuted all the data in the Flash Data Memory will be set to
²1². To instigate this instruction, the CSB bit should be
set low. The instruction code
²60² or ²C7². Following on
from this, a
²60² or ²C7² should then be transmitted. Af-
ter the
²ERAL² instruction code has been transmitted,
the Flash Data Memory data will be erased when the CS
bit is set to high.
The Flash Data Memory does this by executing an inter-
nal write-cycle. This process takes place internally using
the Flash Data Memory
¢s own internal clock and does
not require any action from the SCK clock. No further in-
structions can be accepted by the Flash Data Memory
until this internal write-cycle has finished. To determine
when the write
Instruction
Function
Instruction Code
Address
Data
READ
Read Out Data
03
A23~A0
D7~D0
WRITE
Write Data Page Byte
02
A23~A0
D7~D0
ERAL
Erase All
60 or C7
¾¾
Instruction Set Summary
In Circuit Programming
The provision of Flash type Data Memory gives the user
and designer the convenience of easy upgrades and
modifications to their Data on the same device. As an
additional convenience, Holtek has provided a means of
programming the microcontroller in-circuit. This pro-
vides manufacturers with the possibility of manufactur-
ing their circuit boards complete with a programmed or
un-programmed microcontroller, and then programming
or upgrading the program at a later stage. This enables
product manufacturers to easily keep their manufac-
tured products supplied with the latest data releases
without removal and re-insertion of the device.
Pin Name
Function
SI
Serial data input
SO
Serial data output
SCK
Serial clock
CS
Signal Select
VDD
Power supply
VSS
Ground
The Data Memory can be programmed serially in-circuit
using a 8-wire interface. Data is downloaded and up-
loaded serially on two SI/SO pins with an additional line
for the clock. Two additional lines are required for the
power supply and one line for the select signal. The
technical details regarding the in-circuit programming of
the devices are beyond the scope of this document and
will be supplied in supplementary literature.
D a t a O u t
C l o c k
E r r o P r o o f
S i g n a l S e l e c t
D a t a I n
P o w e r
G r o u n d
R e s e t
S I
C L K
N C
C S
S O
V D D
V S S
R e s e t
W r i t e r
C o n n e c t o r
M O S I
M I S O
T a r g e t
M C U
In-circuit Programming Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com