Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7938 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT7938
Description  High Current and Performance White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7938 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT7938 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7938 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7938 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7938 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7938 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7938 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7938 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7938 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7938 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HT7938
Rev 1.10
4
March 19, 2010
Function Description
VIN Under-Voltage Lockout
- UVLO
The device contains an Input Under Voltage Lockout
(UVLO) circuit. The purpose of the UVLO circuit is to en-
sure that the input voltage is high enough for reliable op-
eration. When the input voltage falls below the under
voltage threshold, the internal FET switch is turned off. If
the input voltage rises by the under voltage lockout hys-
teresis, the device will restart. The UVLO threshold is
set below the minimum input voltage of 2.6V to avoid
any transient VIN drops under the UVLO threshold and
causing the converter to turn off.
Current Limit Protection
The device has a cycle-by-cycle current limit to protect
the internal power MOSFET. If the inductor current
reaches the current limit threshold, the MOSFET will be
turned off. It is import to note that this current limit will not
protect the output from excessive current during an out-
put short circuit. If an output short circuit has occurred,
excessive current can damage both the inductor and di-
ode.
Over-Voltage Protection
- OVP
The device provides an over-voltage protection func-
tion. If the FB pin is shorted to ground or an LED is dis-
connected from the circuit, the FB pin voltage will fall to
zero and the internal power MOSFET will switch with its
full duty cycle. This may cause the output voltage to ex-
ceed its maximum voltage rating, possibly damaging the
IC and external components. Internal over-voltage pro-
tection circuitry turns off the power MOSFET and shuts
down the IC as soon as the output voltage exceeds the
VOVP threshold. As a result, the output voltage falls to
the level of the input supply voltage. The device remains
in shutdown mode until the power is recycled.
Over-Temperature protection
- OTP
A thermal shutdown is implemented to prevent dam-
ages due to excessive heat and power dissipation.
Typically the thermal shutdown threshold is 150
°C.
When the thermal shutdown is triggered the device
stops switching until the temperature falls below typi-
cally 135
°C. Then the device starts switching again.
Application Information
· Inductor Selection
The selection of the inductor affects steady state op-
eration as well as transient behavior and loop stability.
There are three important electrical parameters which
need to be considered when choosing an inductor: the
value of inductor, DCR (copper wire resistance) and
the saturation current.
Choose an inductor that can handle the necessary
peak current without saturating, and ensure that the in-
ductor has a low DCR to minimise power losses. A
10
mH~22mH inductor should be a good choice for most
HT7938 applications. However, a more exact induc-
tance value can be calculated. A good rule for choosing
an inductor value is to allow the peak-to-peak ripple
current to be approximately 30~50% of the maximum
input current. Calculate the required inductance value
using the following equation:
In the equation above, IOUT(MAX) is the maximum load
current,
DIL is the peak-to-peak inductor ripple current,
h is the converter efficiency, FSW is the switching fre-
quency and IL(PEAK) is the peak inductor current.
· Output Capacitor Selection
The output capacitor determines the steady state out-
put voltage ripple. The voltage ripple is related to the
capacitor
¢s capacitance and its ESR (Equivalent Se-
ries Resistance). A ceramic capacitor with a low ESR
value will provide the lowest voltage ripple and are
therefore recommended. Due to its low ESR, the ca-
pacitance value can be calculated by the equation:
In the equation above, Vripple =peak to peak output rip-
ple, FSW is the switching frequency.
A1
mF~10mF ceramic capacitor is suitable for most ap-
plication.
· Input Capacitor Selection
An input capacitor is required to supply the ripple cur-
rent to the inductor, while limiting noise at the input
source. A low ESR ceramic capacitors is required to
keep the noise at the IC to a minimum.
A 4.7
mF~10mF ceramic capacitor is suitable for most
application. This capacitor must be connected very
close to the VIN pin and inductor, with short traces for
good noise performance.
L
L
S W
O U T
I
F
V
D
´
´
=
I N
O U T
I N
V
V
V
-
´
)
(
L
I
I =
D
% )
5 0
~
%
3 0
(
´ I N ( M A X )
LI
I
I
D
+
=
2
1
I N ( M A X )
L ( P E A K )
I
=
I N
V
´ h
O U T
I
V
´ O U T ( M A X )
I N ( M A X )
o u t
r i p p l e
S W
O U T
V
F
V
C
´
´
=
O U T
I N
O
I
V
V
-
)
(
´



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com