Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB1310 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310
Description  USB 3.0 Transceiver Data Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TUSB1310 Datasheet HTML 16Page - Texas Instruments TUSB1310 Datasheet HTML 17Page - Texas Instruments TUSB1310 Datasheet HTML 18Page - Texas Instruments TUSB1310 Datasheet HTML 19Page - Texas Instruments TUSB1310 Datasheet HTML 20Page - Texas Instruments TUSB1310 Datasheet HTML 21Page - Texas Instruments TUSB1310 Datasheet HTML 22Page - Texas Instruments TUSB1310 Datasheet HTML 23Page - Texas Instruments TUSB1310 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
TUSB1310
SLLSE16B – DECEMBER 2009 – REVISED JUNE 2010
www.ti.com
Table 3-3. PIPE Control Pin Matrix
POWER STATE
TX_DETRX_LPBK
TX_ELECIDLE
DESCRIPTION
0
0
Transmitting data on TX_DATA
0
1
Not transmitting and is in electrical idle.
P0
1
0
Goes into loopback mode
1
1
Transmits LFPS signaling
0
Transmits LFPS signaling
P1
Don't care
1
Not transmitting and is in electrical idle.
Don't care
0
Transmits LFPS signaling
P2
0
1
Idle
1
1
Does a receiver detection operation
0
Transmits LFPS signaling
P3
Don't care
1
Does a receiver detection operation
3.4
Receiver Status
The TUSB1310 has an elastic buffer for clock tolerance compensation, the link partner detection, and
some received data error detections. The receive data status from SSRXP/SSRXN differential pair
presents on RX_STATUS2-0. If an error occurs during a SKP ordered set, the error signaling has
precedence. If more than one error occurs on a received byte, the errors have the priority below.
1. 8B/10B decode error
2. Elastic buffer overflow
3. Elastic buffer underflow (can not occur in nominal empty buffer model)
4. Disparity error
3.4.1
Clock Tolerance Compensation
The receiver contains an elastic buffer used to compensate for differences in frequencies between bit
rates at the two ends of a link. The elastic buffer must be capable of holding enough symbols to handle
worst case differences in frequency and worst case intervals between SKP ordered sets. A SKP order set
is a set of symbols transmitted as a group. The SKP ordered sets allows the receiver to adjust the data
stream being received to prevent the elastic buffer from either overflowing or under-flowing due to any
clock tolerance differences.
The TUSB1310 supports two models, nominal half full buffer model and nominal empty buffer mode. For
the nominal half full buffer model, the TUSB1310 monitors the receive data stream. When a Skip ordered
set is received, the TUSB1310 adds or removes one SKP order set from each SKP to manage its elastic
buffer to keep the buffer as close to half full as possible. Only full SKP ordered sets are added or
removed. When a SKP order set is added, the TUSB1310 asserts an “Add SKP” code (001b) on the
RX_STATUS for one clock cycle. When a SKP order set is removed, the RX_STATUS is has a “Remove
SHP” code (010b).
For the nominal empty buffer model the TUSB1310 attempts to keep the elasticity buffer as close to empty
as possible. When no SKP ordered sets have been received, the TUSB1310 will be required to insert SKP
ordered sets into the received data stream.
Table 3-4. RX_STATUS - SKP
RX_STATUS2-0
SKP ADDITION or REMOVAL
LENGTH
001b
1 SKP ordered set added
One clock cycle
010b
1 SKP ordered set removed
20
FUNCTIONAL DESCRIPTION
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com