Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB548W Datasheet(PDF) 1 Page - Rohm

Part # RB548W
Description  Schottky barrier diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB548W Datasheet(HTML) 1 Page - Rohm

  RB548W Datasheet HTML 1Page - Rohm RB548W Datasheet HTML 2Page - Rohm RB548W Datasheet HTML 3Page - Rohm RB548W Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RB548W
Diodes
Rev.B
1/3
Schottky barrier diode
RB548W
Application
External dimensions
(Unit : mm)
Land size figure
(Unit : mm)
Low current rectification
Features
1) Ultra small mold type. (EMD3)
2) Low IR
3) High reliability.
Construction
Structure
Silicon epitaxial planear
Taping dimensions
(Unit : mm)
Absolute maximum ratings
Ta=25 C
Symbol
Unit
VR
V
Io
mA
IFSM
mA
Tj
Tstg
orward current surge peak 60Hz 1cyc *1
500
125
Parameter
ard current *1
-40 to +125
Limits
30
100
Reverse voltage (DC)
F
Junction temperature
Storage temperature
(*1) Rating of per diode
Average rectified forw
Electrical characteristics
Ta=25 C
Symbol
Min.
Typ.
Max.
Unit
VF
-
-
0.45
V
IF=10mA
IR
--
0.5
μA
VR=10V
Conditions
Parameter
orward voltage
F
Reverse current


Similar Part No. - RB548W

ManufacturerPart #DatasheetDescription
logo
Rohm
RB548W ROHM-RB548W Datasheet
48Kb / 3P
Schottky barrier diode
RB548W ROHM-RB548W Datasheet
979Kb / 4P
Shottky barrier diode
logo
Diodes Incorporated
RB548W DIODES-RB548W Datasheet
53Kb / 3P
Schottky barrier diode
Rev erse
logo
Shenzhen Luguang Electr...
RB548W LUGUANG-RB548W Datasheet
250Kb / 2P
Surface Mount Schottky Barrier Diodes
logo
Rohm
RB548W ROHM-RB548W Datasheet
1Mb / 8P
Schottky Barrier Diode
More results

Similar Description - RB548W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com