Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA64X-E/MS Datasheet(PDF) 14 Page - Microchip Technology

Part # 24AA64X-E/MS
Description  64K I2C??Serial EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA64X-E/MS Datasheet(HTML) 14 Page - Microchip Technology

Back Button 24AA64X-E/MS Datasheet HTML 10Page - Microchip Technology 24AA64X-E/MS Datasheet HTML 11Page - Microchip Technology 24AA64X-E/MS Datasheet HTML 12Page - Microchip Technology 24AA64X-E/MS Datasheet HTML 13Page - Microchip Technology 24AA64X-E/MS Datasheet HTML 14Page - Microchip Technology 24AA64X-E/MS Datasheet HTML 15Page - Microchip Technology 24AA64X-E/MS Datasheet HTML 16Page - Microchip Technology 24AA64X-E/MS Datasheet HTML 17Page - Microchip Technology 24AA64X-E/MS Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
24AA64/24LC64/24FC64
DS21189R-page 14
 2010 Microchip Technology Inc.
Note:
T = Temperature grade (I, E)
Part Number
1st Line Marking Codes
TSSOP
TSSOP
X-Rotated
MSOP
DFN
TDFN
SOT-23
I Temp.
E Temp.
I Temp.
E Temp.
I Temp.
E Temp.
24AA64
4AB
4ABX
4A64T
271
—
A71
—
7HNN
—
24LC64
4LB
4LBX
4L64T
274
275
A74
A75
7GNN
7JNN
24FC64
4FB
—
4F64T
27A
—
A7A
—
—
—
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
5-Lead Chip Scale
XW
Example:
75
Example:
A74
527
I3
8-Lead 2x3 TDFN
XXX
YWW
NN
5-Lead SOT-23
XXNN
Example:
7GNN
NN
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com